Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCPW245 Datasheet(PDF) 5 Page - World Produts Inc.

Part # PCPW245
Description  High capacitance density
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCPW245 Datasheet(HTML) 5 Page - World Produts Inc.

  PCPW245 Datasheet HTML 1Page - World Produts Inc. PCPW245 Datasheet HTML 2Page - World Produts Inc. PCPW245 Datasheet HTML 3Page - World Produts Inc. PCPW245 Datasheet HTML 4Page - World Produts Inc. PCPW245 Datasheet HTML 5Page - World Produts Inc. PCPW245 Datasheet HTML 6Page - World Produts Inc. PCPW245 Datasheet HTML 7Page - World Produts Inc. PCPW245 Datasheet HTML 8Page - World Produts Inc. PCPW245 Datasheet HTML 9Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Pilkor components
Metallized Polypropylene Film Capacitors
PCPW 245
( DC-link application )
311
VRdc = 700Vdc
Vpk = 875 Vdc
Code
PCPW 245
Arrange Pack.
P1±0.5
(mm)
Irms
(1)
(A)
ESR
(2)
(mΩ)
Tol. ± 5% / lt = 5±1 mm
Cap
(㎌)
b x h x l
(mm)
4-pin
dv/dt
(V/us )
Ipk
(A)
2-pin
4-pin
2-pin
4-pin
2-pin
4-pin
Pitch = 27.5 ± 0.4 mm
dt = 0.8
dt = 1.2
3
15.0 x 25.0 x 31.0
-
40
120
4.2
-
9.0
-
LR4305
-
5
18.0 x 28.0 x 31.0
-
40
300
5.0
-
8.5
-
LR4505
-
8
21.0 x 31.0 x 31.0
-
40
320
6.0
-
8.0
-
LR4805
-
Pitch = 37.5 ± 0.7 mm
dt = 1.0
dt = 1.2
10
18.0 X 33.0 X 42.0
10.2
22
220
6.6
7.1
9.2
8.7
QR4106
QRD106
12
20.0 X 35.0 X 42.0
10.2
22
264
8.2
8.6
7.8
7.3
QR4126
QRD126
15
24.0 X 39.0 X 42.0
10.2
22
330
9.8
10.3
6.0
5.5
QR4156
QRD156
20
24.0 X 39.0 X 42.0
10.2
22
440
11.8
12.3
4.1
3.6
QR4206
QRD206
22
28.0 X 43.0 X 42.0
10.2
22
484
12.3
12.8
3.7
3.1
QR4226
QRD226
25
28.0 X 43.0 X 42.0
10.2
22
550
12.9
13.4
3.4
2.9
QR4256
QRD256
30
30.0 X 45.0 X 42.0
20.3
22
660
13.5
14.0
3.1
2.6
QR4306
QRD306
Pitch = 52.5 ± 0.7 mm
dt = 1.2
dt = 1.2
45
30.0 X 45.0 X 57.0
20.3
15
675
-
16.0
-
3.0
-
TRD456
55
35.0 X 50.0 X 57.0
20.3
15
825
-
17.0
-
3.5
-
TRD556
60
35.0 X 50.0 X 57.0
20.3
15
900
-
19.0
-
3.0
-
TRD606
70
45.0 X 55.0 X 57.0
20.3
15
1050
-
21.0
-
2.7
-
TRD706
80
45.0 X 55.0 X 57.0
20.3
15
1200
-
24.0
-
2.5
-
TRD806
90
45.0 X 65.0 X 57.0
20.3
15
1350
-
27.0
-
2.3
-
TRD906
100
45.0 X 65.0 X 57.0
20.3
15
1500
-
30.0
-
2.0
-
TRD107
(1) Max. at 10KHz, +70℃
(2) Typical values at 10KHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com