Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCPW245 Datasheet(PDF) 8 Page - World Produts Inc.

Part # PCPW245
Description  High capacitance density
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCPW245 Datasheet(HTML) 8 Page - World Produts Inc.

Back Button PCPW245 Datasheet HTML 3Page - World Produts Inc. PCPW245 Datasheet HTML 4Page - World Produts Inc. PCPW245 Datasheet HTML 5Page - World Produts Inc. PCPW245 Datasheet HTML 6Page - World Produts Inc. PCPW245 Datasheet HTML 7Page - World Produts Inc. PCPW245 Datasheet HTML 8Page - World Produts Inc. PCPW245 Datasheet HTML 9Page - World Produts Inc. PCPW245 Datasheet HTML 10Page - World Produts Inc. PCPW245 Datasheet HTML 11Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Pilkor components
Metallized Polypropylene Film Capacitors
PCPW 245
( DC-link application )
314
CHARACTERISTICS
Test Votage
. Test Voltage ( between terminations ) : 1.5 x VR applied for 10s
. Test Voltage ( between leads and case ) : 3KV 50-60Hz applied for 60s
Dissipation Factor
Dissipation factor ( x 10
-4 )
Rated voltage
Capacitance
1 kHz
10 kHz
450Vdc / 700Vdc
900Vdc / 1100Vdc
C ≤ 30uF
C >30uF
≤
15
≤
20
Insulation Resistance
The insulation resistance is measured after a voltage has been applied for 1minute ±5 second.
The voltage being 100±15V for the 450V versions and 500V±50V for the 700V / 900V / 1100V versions
Pitch : 27.5mm ; RC (Ω•F) > 30,000 s
Pitch : 37.5mm & 52.5mm ; RC (Ω•F) > 10,000 s



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com