Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM138QML Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LM138QML
Description  Military Grade 5-A Adjustable Output Linear Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM138QML Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM138QML Datasheet HTML 14Page - Texas Instruments LM138QML Datasheet HTML 15Page - Texas Instruments LM138QML Datasheet HTML 16Page - Texas Instruments LM138QML Datasheet HTML 17Page - Texas Instruments LM138QML Datasheet HTML 18Page - Texas Instruments LM138QML Datasheet HTML 19Page - Texas Instruments LM138QML Datasheet HTML 20Page - Texas Instruments LM138QML Datasheet HTML 21Page - Texas Instruments LM138QML Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
Copyright © 2017, Texas Instruments Incorporated
LM138QML
ADJ
IN
OUT
VIN
VOUT > 4 V
1.2 k
IN457
IN457
10 k*
LM336
R1
375
R2
2 k
OUTPUT
ADJUST
LM138QML
ADJ
IN
OUT
LM334
VIN
VOUT
R1
1.2 k
R2
80
100 k
GAIN
HEATER
Copyright © 2017, Texas Instruments Incorporated
18
LM138QML
SNVSAA9 – OCTOBER 2017
www.ti.com
Product Folder Links: LM138QML
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
System Examples (continued)
Figure 23. Temperature Controller
* Adjust for 3.75 V across R1
Figure 24. Precision Power Regulator With Low Temperature Coefficient



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com