Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM138QML Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # LM138QML
Description  Military Grade 5-A Adjustable Output Linear Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM138QML Datasheet(HTML) 22 Page - Texas Instruments

Back Button LM138QML Datasheet HTML 18Page - Texas Instruments LM138QML Datasheet HTML 19Page - Texas Instruments LM138QML Datasheet HTML 20Page - Texas Instruments LM138QML Datasheet HTML 21Page - Texas Instruments LM138QML Datasheet HTML 22Page - Texas Instruments LM138QML Datasheet HTML 23Page - Texas Instruments LM138QML Datasheet HTML 24Page - Texas Instruments LM138QML Datasheet HTML 25Page - Texas Instruments LM138QML Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
LM138QML
START
1000 pF
4
2
7
1
8
LM301A
+
-
1N457
R3
230
R2
15
R4
15 k
R5
1 k
Q1
2N2905
1 µF
+
R1
3 k
0.1 µF
LED
+
-
VIN > 18 V
500
R6
0.2
TO 12 V
BATTERY
Copyright © 2017, Texas Instruments Incorporated
LM138QML
R1
240
ADJ
VIN
VOUT
VOUT
VIN
25 V
R2
5 k
R3
680
LM113
1.2 V
C1
0.1 µF
±10 V
Copyright © 2017, Texas Instruments Incorporated
22
LM138QML
SNVSAA9 – OCTOBER 2017
www.ti.com
Product Folder Links: LM138QML
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
System Examples (continued)
Full output current not available at high input-output voltages
Figure 32. 0-V to 22-V Regulator
Figure 33. 12-V Battery Charger



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com