Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSP5000 Datasheet(PDF) 13 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # VSP5000
Description  12-BIT 30 MSPS DUAL CHANNEL CCD SIGNAL FRONT END FOR DIGITAL COPIER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

VSP5000 Datasheet(HTML) 13 Page - Burr-Brown (TI)

Back Button VSP5000 Datasheet HTML 9Page - Burr-Brown (TI) VSP5000 Datasheet HTML 10Page - Burr-Brown (TI) VSP5000 Datasheet HTML 11Page - Burr-Brown (TI) VSP5000 Datasheet HTML 12Page - Burr-Brown (TI) VSP5000 Datasheet HTML 13Page - Burr-Brown (TI) VSP5000 Datasheet HTML 14Page - Burr-Brown (TI) VSP5000 Datasheet HTML 15Page - Burr-Brown (TI) VSP5000 Datasheet HTML 16Page - Burr-Brown (TI) VSP5000 Datasheet HTML 17Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
VSP5000
SLES057 – DECEMBER 2002
www.ti.com
13
At the sampling for the OB pixel and effective pixel, VCLAMP voltage is charged to capacitor C1. The voltage lower than
VCLAMP, according to the signal voltage from the CCD, is charged to capacitor C2. As the voltage difference in C1 and C2
is acquired at the hold period, the signals from the CCD are acquired as the voltage based on VCLAMP.
In the CDS mode, signal voltage takes as voltage difference between sampled voltage by SHP (reference level) and SHD
(data level), the signal level is not affected, even when VCLAMP changes or fluctuates in some degree due to leakage, etc.
However, when operated as SH, VCLAMP fluctuation causes an offset error, because the signal is acquired based on
VCLAMP. In order to prevent VCLAMP leakage, a buffer is inserted to input in the SH mode.
–
+
INPUTCLP
VSP5000
OPA
C1 = 10 pF
C2 = 10 pF
SHD
SHD
CCDIN
SHD
VCLAMP
CIN
CCD Output
VCLAMP
Figure 2. Simplified Sample Hold (SH) Circuit
INPUT CLAMP (DUMMY PIXEL CLAMP)
Output from the CCD image sensor is ac-coupled with the VSP5000 device through a capacitor. The input clamp
reproduces the dc bias lost by ac-coupling and supplies optimum dc bias for proper operation of the CDS/SH circuit.
Simplified block diagrams of the input clamp circuit are shown in Figure 1 and Figure 2.
The input signal level is clamped to the internal reference voltage by activating both SHP (when at CDS mode or SHD when
at SH mode) and INPUTCLP during the CCD dummy pixel output period.
HIGH PERFORMANCE ANALOG-TO-DIGITAL CONVERTER (ADC)
The analog-to-digital converter of the VSP5000 device is composed of pipeline architecture. The ADC converter has
complete differential circuit configuration, error correction circuit, and 14-bit resolution is assured.
Circuits which generate the necessary reference voltage at the ADC are built inside the device and are shown as REFP
(high-potential reference), REFN (low-potential reference), and CM (common-mode voltage) terminals outside the device.
In order to assure ADC accuracy, these reference voltage terminals need to be sufficiently decoupled by capacitors.
DIGITAL PROGRAMMABLE GAIN AMPLIFIER (DPGA)
The digital programmable gain amplifier (DPGA) circuit controls the gain value in the range of 0 fold to 16 fold (24 dB) by
inputting the digital code through the serial interface. See the serial interface section for details. Gain changes linearly in
proportion to the setting code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com