Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI74ALVC162334 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI74ALVC162334
Description  16-Bit Universal Bus Driver with 3-State Outputs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74ALVC162334 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI74ALVC162334 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74ALVC162334 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74ALVC162334 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74ALVC162334 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74ALVC162334 Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
PS8313
08/04/98
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Product Features
• PI74ALVC162334 is designed for low voltage operation,
VCC = 2.3V to 3.6V
• Outputs have equivalent 26 ohm series resistors
• Supports PC100 Registered DIMM
• Typical VOLP (Output Ground Bounce) < 0.8V
at VCC = 3.3V, TA = 25°C
• Typical VOHV (Output VOH Undershoot) < 2.0V
at VCC = 3.3V, TA = 25°C
• Industrial operation at –40°C to +85°C
• Packages available:
– 48-pin 240 mil wide plastic TSSOP (A48)
– 48-pin 173 mil wide plastic TVSOP (K48)
– 48-pin 300 mil wide plastic SSOP (V48)
PI74ALVC162334
16-Bit Universal Bus Driver
with 3-State Outputs
Logic Block Diagram
Product Description
Pericom Semiconductor’s PI74ALVC series of logic circuits
are produced in the Company’s advanced 0.5 micron CMOS
technology, achieving industry leading speed.
The 16-bit PI74ALVC162334 universal bus driver is designed
for 2.3V to 3.6V Vcc operation.
Data flow from A to Y is controlled by Output Enable (OE).
The device operates in the transparent mode when LE is LOW.
When LE is HIGH, the A data is latched if CLK is held at a high
or low logic level. If LE is HIGH, the A-data is stored in the
latch/flip-flop on the low-to-high transition of CLK. When OE is
HIGH, the outputs are in the high-impedance state.
The outputs have equivalent 26 ohm series resistors to reduce
overshoot and undershoot.
To ensure the high-impedance state during power up or power
down, OE should be tied to Vcc through a pullup resistor; the
minimum value of the resistor is determined by the current-
sinking capability of the driver.


Similar Part No. - PI74ALVC162334

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74ALVC162834FD PERICOM-PI74ALVC162834FD Datasheet
294Kb / 5P
18-Bit Universal Bus Driver with 3-State Outputs
PI74ALVC162835 PERICOM-PI74ALVC162835 Datasheet
301Kb / 5P
18-Bit Universal Bus Driver with 3-State Outputs
PI74ALVC162835FD PERICOM-PI74ALVC162835FD Datasheet
301Kb / 5P
18-Bit Universal Bus Driver with 3-State Outputs
More results

Similar Description - PI74ALVC162334

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVC162334 TI-SN74ALVC162334 Datasheet
133Kb / 10P
16-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162334 TI-SN74ALVCH162334 Datasheet
134Kb / 10P
16-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16334 TI-SN74ALVCH16334 Datasheet
134Kb / 10P
16-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74AVC16334 TI-SN74AVC16334 Datasheet
179Kb / 12P
16-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVC162334 HITACHI-HD74ALVC162334 Datasheet
52Kb / 13P
16-bit Universal Bus Driver with 3-state Outputs
HD74ALVC16334 HITACHI-HD74ALVC16334 Datasheet
56Kb / 13P
16-bit Universal Bus Driver with 3-state Outputs
HD74ALVCH162334 HITACHI-HD74ALVCH162334 Datasheet
56Kb / 13P
16-bit Universal Bus Driver with 3-state Outputs
HD74ALVCH16334 HITACHI-HD74ALVCH16334 Datasheet
56Kb / 13P
16-bit Universal Bus Driver with 3-state Outputs
logo
Texas Instruments
SN74ALVC16334 TI-SN74ALVC16334_07 Datasheet
216Kb / 13P
16-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74AVC16334 TI1-SN74AVC16334_09 Datasheet
372Kb / 16P
16-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com