Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CCP-33SXC-RNM Datasheet(PDF) 1 Page - Willow Technologies Ltd

Part # CCP-33SXC-RNM
Description  Commercial Latching SPDT, DC-3 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

CCP-33SXC-RNM Datasheet(HTML) 1 Page - Willow Technologies Ltd

  CCP-33SXC-RNM Datasheet HTML 1Page - Willow Technologies Ltd CCP-33SXC-RNM Datasheet HTML 2Page - Willow Technologies Ltd CCP-33SXC-RNM Datasheet HTML 3Page - Willow Technologies Ltd CCP-33SXC-RNM Datasheet HTML 4Page - Willow Technologies Ltd CCP-33SXC-RNM Datasheet HTML 5Page - Willow Technologies Ltd CCP-33SXC-RNM Datasheet HTML 6Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2013 TELEDYNE RELAYS
(800) 284-7007 • www.teledynecoax.com
CCP-33S Page 1
CCP-33S\072013\Q3
Series CCP-33S
Low PIM, Miniature DC–3 GHz
Latching SPDT Coaxial Switch
COAX SWITCHES
ENVIRONMENTAL AND PHYSICAL CHARACTERISTICS
Operating Temperature
–40°C to 65°C
Vibration (MIL-STD-202 Method 214,
Condition D, non-operating)
10 g’s RMS
Shock (MIL-STD-202 Method 213,
Condition D, non-operating)
500 g’s
Standard Actuator Life
1,000,000 cycles
Connector Type
SMA
Humidity (Moisture Seal)
Available
Weight
1.65 oz. (46.78g) (max.)
PERFORMANCE CHARACTERISTICS
Frequency
DC–3 GHz
Insertion Loss, dB, max.
0.2
Isolation, dB, min.
90
VSWR , max.
1.25:1
RF Power (cw), W, max
75W @3GHz
PART NUMBERING SYSTEM
Connector
S: SMA Female
Actuator Voltage
6: 28 Vdc Latching
7: 15 Vdc Latching
8: 12 Vdc Latching
9: 24 Vdc Latching
Actuator Type
0: Standard Contacts
C: Indicator Contacts
D: Self Cutoff Only
E: Indicators and Self Cutoff
**SEE PARTS LIST ON PAGES 6
Options
T: TTL Drivers with Diodes
D: Transient Suppression
Diodes
R: Positive + Common
N: Narrow Body
M: Moisture Seal
S: 9 Pin D-Sub Connector
Actuator Voltage
CCP-33
S
6
C
-
T **
Series
Connectors
Actuator Type
Options
For additional options, contact factory.
PART NUMBER
DESCRIPTION
CCP-33S
Commercial Latching SPDT, DC-3 GHz
These switches are classified to have extremely low passive intermodulation for use in narrow bandwidth
communications applications.
The CCP-33S is a broadband, SPDT, electromechanical, coaxial switch designed to switch a microwave
signal from a common input to either of two outputs. The characteristic impedance is 50 Ohms. The small
switches incorporate SMA connectors.
The CCP-33S series switch is offered with a latching actuator. This design is compatible with the two
most common mounting hole patterns. The CCP-33S series switch is interchangeable with a variety of
switches.
ELECTRICAL CHARACTERISTICS
Form Factor
SPDT,
break before make
Frequency Range
DC–3 GHz
Characteristic Impedance
50 Ohms
Switching Time
10 ms (max.)
Actuation Voltage Available
12
15
24
28 V
Actuation Current, max. @ ambient
140 170 90
65 mA
PASSIVE INTERMODULATION CHARACTERISTICS
Tone 1 Frequency
(MHz)
Tone 2 Frequency
(MHz)
IM3 Frequency
(MHz)
PIM Threshold
(dBc)
1945
1990
1900
-140.0
P1 P2 (dBm)
PIM (dBc)
PEAK PIM (dBc)
43
-143.1
-142.2


Similar Part No. - CCP-33SXC-RNM

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCP-33SXC-RNM TELEDYNE-CCP-33SXC-RNM Datasheet
382Kb / 6P
Latching SPDT Coaxial Switch
CCP-33SXC-RNMS TELEDYNE-CCP-33SXC-RNMS Datasheet
382Kb / 6P
Latching SPDT Coaxial Switch
More results

Similar Description - CCP-33SXC-RNM

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW2000 MACOM-MASW2000 Datasheet
109Kb / 2P
GaAs SPDT Switch DC - 3 GHz
logo
Hittite Microwave Corpo...
HMC190MS8 HITTITE-HMC190MS8_06 Datasheet
232Kb / 6P
GaAs MMIC SPDT SWITCH DC - 3 GHz
HMC194MS8 HITTITE-HMC194MS8_06 Datasheet
234Kb / 6P
GaAs MMIC SPDT SWITCH DC - 3 GHz
logo
Hexawave, Inc
HWS408 HW-HWS408 Datasheet
77Kb / 2P
GaAs DC-3 GHz SPDT Switch
logo
Hittite Microwave Corpo...
HMC190MS8 HITTITE-HMC190MS8_05 Datasheet
195Kb / 6P
GaAs MMIC SPDT SWITCH DC - 3 GHz
HMC545 HITTITE-HMC545_08 Datasheet
199Kb / 6P
GaAs MMIC SPDT SWITCH, DC - 3 GHz
logo
Pasternack Enterprises,...
PE71S6091 PASTERNACK-PE71S6091 Datasheet
457Kb / 6P
SPDT Electromechanical Relay Switch DC to 3 GHz, SMT, 400 Watts, 24V Control with Latching
logo
Hexawave, Inc
HWS408_V6 HW-HWS408_V6_15 Datasheet
58Kb / 2P
GaAs DC-3 GHz SPDT Switch
logo
TECH PUBLIC Electronics...
TPAS179-92LF TECHPUBLIC-TPAS179-92LF Datasheet
3Mb / 5P
GaAs DC-3 GHz SPDT Switch
logo
Teledyne Technologies I...
CRT-40 TELEDYNE-CRT-40 Datasheet
903Kb / 5P
DC–40 GHz, Terminated Latching SPDT Coaxial Switch
03/2023
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com