Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCN68652 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SCN68652
Description  Multi-protocol communications controller (MPCC)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SCN68652 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SCN68652 Datasheet HTML 3Page - NXP Semiconductors SCN68652 Datasheet HTML 4Page - NXP Semiconductors SCN68652 Datasheet HTML 5Page - NXP Semiconductors SCN68652 Datasheet HTML 6Page - NXP Semiconductors SCN68652 Datasheet HTML 7Page - NXP Semiconductors SCN68652 Datasheet HTML 8Page - NXP Semiconductors SCN68652 Datasheet HTML 9Page - NXP Semiconductors SCN68652 Datasheet HTML 10Page - NXP Semiconductors SCN68652 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Philips Semiconductors
Product specification
SCN2652/SCN68652
Multi-protocol communications controller (MPCC)
1995 May 01
7
FUNCTIONAL DESCRIPTION
The MPCC can be functionally partitioned into receiver logic,
transmitter logic, registers that can be read or loaded by the
processor, and data bus control circuitry. The register bit formats are
shown in Figure 3 while the receiver and transmitter data paths are
depicted in Figures 4 and 3.
RECEIVER OPERATION
General
After initializing the parameter control registers (PCSAR and PCR),
the RxE input must be set high to enable the receiver data path. The
serial data on the RxSI is synchronized and shifted into an 8-bit
Control Character Shift Register (CCSR) on the rising edge of RxC.
A comparison between CCSR contents and the FLAG (BOP) or
SYNC (BCP) character is made until a match is found. At that time,
the S/F output is asserted for one RxC time and the 16-bit Holding
Shift Register (HSR) is enabled. The receiver then operates as
described below.
BOP Operation
A flowchart of receiver operation in BOP mode appears in Figure 6.
Zero deletion (after five ones are received) is implemented on the
received serial data so that a data character will not be interpreted
as a FLAG, ABORT, or GA. Bits following the FLAG are shifted
through the CCSR, HSR, and into the Receiver Shift Register
(RxSR). A character will be assembled in the RxSR and transferred
to the RDSRL for presentation to the processor. At that time the
RxDA output will be asserted and the processor must take the
character no later than one RxC time after the next character is
assembled in the RxSR. If not, an overrun (RDSR11 = 1) will occur
and succeeding characters will be lost.
The first character following the FLAG is the secondary station
address. If the MPCC is a secondary station (PCSAR12 = 1), the
contents of RxSR are compared with the address stored in
PCSARL. A match indicates the forthcoming message is intended
for the station; the RxA output is asserted, the character is loaded
into RDSRL, RxDA is asserted and the Receive Start of Message bit
(RSOM) is set. No match indicates that another station is being
addressed and the receiver searches for the next FLAG.
If the MPCC is a primary station, (PCSAR12 = 0), no secondary
address check is made; RxA is asserted and RSOM is set once the
first non-FLAG character has been loaded into RDSRL and RxDA
has been asserted. Extended address field can be supported by
software if PCSAR12 = 0.
When the 8 bits following the address character have been loaded
into RDSRL and RxDA has been asserted, RSOM will be cleared.
The processor should read this 8-bit character and interpret it as the
Control field.
Received serial data that follows is read and interpreted as the
information field by the processor. It will be assembled into character
lengths as specified by PCR8–10. As before, RxDA is asserted each
time a character has been transferred into RDSRL and is cleared
when RDSRL is read by the processor. RDSRH should only be read
when RxSA is asserted. This occurs on a zero to one transition of
any bit in RDSRH except for RSOM. RxSA and all bits in RDSRH
except RSOM are cleared when RDSRH is read. The processor
should check RDSR9–15 each time RxSA is asserted. If RDSR9 is
set, then RDSR12–15 should be examined.
Receiver character length may be changed dynamically in response
to RxDA: read the character in RxDB and write the new character
length into RxCL. The character length will be changed on the next
receiver character boundary. A received residual (short) character
will be transferred into RxDB after the previous character in RxDB
has been read, i.e. there will not be an overrun. In general the last
two characters are protected from overrun.
The CRC–CCITT, if specified by PCSAR8–10, is accumulated in
RxCRC on each character following the FLAG. When the closing
FLAG is detected in the CCSR, the received CRC is in the 16-bit
HSR. At that time, the Receive End of Message bit (REOM) will be
set; RxSA and RxDA will be asserted. The processor should read
the last data character in RDSRL and the receiver status in
RDSR9–15. If RDSR15 = 1, there has been a transmission error; the
accumulated CRC–CCITT is incorrect. If RDSR12–14 ≠ 0, last data
character is not of prescribed length. Neither the received CRC nor
closing FLAG are presented to the processor. The processor may
drop RxE or leave it active at the end of the received message.
RxBCP Operation
The operation of the receiver in BCP mode is shown in Figure 7.
The receiver initially searches for two successive SYNC characters,
of length specified by PCR8–10, that match the contents of PCSARL.
The next non-SYNC character or next SYNC character, if stripping is
not specified (PCSAR13 = 0), causes RxA to be asserted and
enables the receiver data path. Once enabled, all characters are
assembled in RxSR and loaded into RDSRL. RxDA is active when a
character is available in RDSRL. RxSA is active on a 0 to 1
transition of any bit in RDSRH. The signals are cleared when RDSRl
or RDSRH are read respectively.
If CRC–16 error control is specified by PCSAR8–10, the processor
must determine the last character received prior to the CRC field.
When that character is loaded into RDSRL and RxDA is asserted,
the received CRC will be in CCSR and HSRL. To check for a
transmission error, the processor must read the receiver status
(RDSRH) and examine RDSR15. This bit will be set for one
character time if an error free message has been received. If
RDSR15 = 0, the CRC–16 is in error. The state of RDSR15 in BCP
CRC mode does not set RxSA. Note that this bit should be
examined only at the end of a message. The accumulated CRC will
include all characters starting with the first non-SYNC character if
PCSAR13 = 1, or the character after the opening two SYNCs if
PCSAR13 = 0. This necessitates external CRC generation/checking
when supporting IBM’s
BISYNC. This can be accomplished using the Philips
Semiconductors SCN2653 Polynomial Generator/Checker. See
Typical Applications.
If VRC has been selected for error control, parity (odd or even) is
regenerated on each character and checked when the parity bit is
received. A discrepancy causes RDSR15 to be set and RxSA to be
asserted. This must be sensed by the processor. The received parity
bit is stripped before the character is presented to the processor.
When the processor has read the last character of the message, it
should drop RxE which disables the receiver logic and initializes all
receiver registers and timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com