Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCN68652 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # SCN68652
Description  Multi-protocol communications controller (MPCC)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SCN68652 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button SCN68652 Datasheet HTML 10Page - NXP Semiconductors SCN68652 Datasheet HTML 11Page - NXP Semiconductors SCN68652 Datasheet HTML 12Page - NXP Semiconductors SCN68652 Datasheet HTML 13Page - NXP Semiconductors SCN68652 Datasheet HTML 14Page - NXP Semiconductors SCN68652 Datasheet HTML 15Page - NXP Semiconductors SCN68652 Datasheet HTML 16Page - NXP Semiconductors SCN68652 Datasheet HTML 17Page - NXP Semiconductors SCN68652 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
Philips Semiconductors
Product specification
SCN2652/SCN68652
Multi-protocol communications controller (MPCC)
1995 May 01
14
Table 6.
Parameter Control SYNC/Address Register (PCSAR)–(R/W)
BIT
NAME
MODE
FUNCTION
00–07
S/AR
BOP
SYNC/address register. Contains the secondary station address if the MPCC is a secondary
station. The contents of this register is compared with the first received non-FLAG character
to determine if the message is meant for this station.
BCP
SYNC character is loaded into this register by the processor. It is used for receive and
transmit bit synchronization with bit length specified by RxCL and TxCL.
08–10
ECM
BOP/BCP
Error Control Mode
10
9
8
Suggested Mode
Char. length
CRC–CCITT preset to 1’s
0
0
0
BOP
1–8
CRC–CCITT preset to 0’s
0
0
1
BCP
8
Not used
0
1
0
–––
CRC–16 preset to 0’s
0
1
1
BCP
8
VRC odd
1
0
0
BCP
5–7
VRC even
1
0
1
BCP
5–7
Not used
1
1
0
–––
No error control
1
1
1
BCP/BOP
5–8
ECM should be loaded by the processor during initialization or when both data paths are idle.
11
IDLE
Determines line fill character to be used if transmitter underrun occurs (TxU asserted and
TERR set) and transmission of special characters for BOP/BCP.
BOP
IDLE = 0, transmit ABORT characters during underrun and when TABORT = 1.
IDLE = 1, transmit FLAG characters during underrun and when TABORT = 1.
BCP
IDLE = 0 transmit initial SYNC characters and underrun line fill characters from theS/AR.
IDLE = 1 transmit initial SYNC characters from TxDB and marks TxSO during underrun.
12
SAM
BOP
Secondary Address Mode = 1 if the MPCC is a secondary station. This facilitates automatic
recognition of the received secondary station address. When transmitting, the processor must
load the secondary address into TxDB.
SAM = 0 inhibits the received secondary address comparison which serves to activate the
receiver after the first non-FLAG character has been received.
13
SS/GA
Strip SYNC/Go Ahead. Operation depends on mode.
BOP
SS/GA = 1 is used for loop mode only and enables GA detection. When a GA is detected as a
closing character, REOM and RAB/GA will be set and the processor should terminate the
repeater function. SS/GA = 0 is the normal mode which enables ABORT detection. It causes
the receiver to terminate the frame upon detection of an ABORT or FLAG.
BCP
SS/GA = 1, causes the receiver to strip SYNC’s immediately following the first two SYNC’s
detected. SYNC’s in the middle of a message will not be stripped. SS/GA = 0, presents any
SYNC’s after the initial two SYNC’s to the processor.
14
PROTO
Determines MPCC Protocol mode
BOP
PROTO = 0
BCP
PROTO = 1
15
APA
BOP
All parties address. If this bit is set, the receiver data path is enabled by an address field of
‘11111111’ as well as the normal secondary station address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com