| Electronic Components Datasheet Search |
|
ST92F120V9 Datasheet(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST92F120V9 Datasheet(HTML) 25 Page - STMicroelectronics |
|
25 / 324 page ![]() 25/324 ST92F120 - DEVICE ARCHITECTURE SYSTEM REGISTERS (Cont’d) If the bit is set, data is accessed using the Data Pointers (DPRs registers), otherwise it is pointed to by the Code Pointer (CSR register); therefore, the user initialization routine must include a Sdm instruction. Note that code is always pointed to by the Code Pointer (CSR). Note: In the current ST9 devices, the DP flag is only for compatibility with software developed for the first generation of ST9 devices. With the single memory addressing space, its use is now redun- dant. It must be kept to 1 with a Sdm instruction at the beginning of the program to ensure a normal use of the different memory pointers. 2.3.3 Register Pointing Techniques Two registers within the System register group, are used as pointers to the working registers. Reg- ister Pointer 0 (R232) may be used on its own as a single pointer to a 16-register working space, or in conjunction with Register Pointer 1 (R233), to point to two separate 8-register spaces. For the purpose of register pointing, the 16 register groups of the register file are subdivided into 32 8- register blocks. The values specified with the Set Register Pointer instructions refer to the blocks to be pointed to in twin 8-register mode, or to the low- er 8-register block location in single 16-register mode. The Set Register Pointer instructions srp, srp0 and srp1 automatically inform the CPU whether the Register File is to operate in single 16-register mode or in twin 8-register mode. The srp instruc- tion selects the single 16-register group mode and specifies the location of the lower 8-register block, while the srp0 and srp1 instructions automatical- ly select the twin 8-register group mode and spec- ify the locations of each 8-register block. There is no limitation on the order or position of these register groups, other than that they must start on an 8-register boundary in twin 8-register mode, or on a 16-register boundary in single 16- register mode. The block number should always be an even number in single 16-register mode. The 16-regis- ter group will always start at the block whose number is the nearest even number equal to or lower than the block number specified in the srp instruction. Avoid using odd block numbers, since this can be confusing if twin mode is subsequently selected. Thus: srp #3 will be interpreted as srp #2 and will al- low using R16 ..R31 as r0 .. r15. In single 16-register mode, the working registers are referred to as r0 to r15 . In twin 8-register mode, registers r0 to r7 are in the block pointed to by RP0 (by means of the srp0 instruction), while registers r8 to r15 are in the block pointed to by RP1 (by means of the srp1 instruction). Caution: Group D registers can only be accessed as working registers using the Register Pointers, or by means of the Stack Pointers. They cannot be addressed explicitly in the form “Rxxx”. 9 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |