Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST92F120V9 Datasheet(PDF) 59 Page - STMicroelectronics

Part # ST92F120V9
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120V9 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button ST92F120V9 Datasheet HTML 55Page - STMicroelectronics ST92F120V9 Datasheet HTML 56Page - STMicroelectronics ST92F120V9 Datasheet HTML 57Page - STMicroelectronics ST92F120V9 Datasheet HTML 58Page - STMicroelectronics ST92F120V9 Datasheet HTML 59Page - STMicroelectronics ST92F120V9 Datasheet HTML 60Page - STMicroelectronics ST92F120V9 Datasheet HTML 61Page - STMicroelectronics ST92F120V9 Datasheet HTML 62Page - STMicroelectronics ST92F120V9 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 324 page
background image
59/324
ST92F120 - REGISTER AND MEMORY MAP
Table 16. Detailed Register Map
Page
(Dec)
Block
Reg.
No.
Register
Name
Description
Reset
Value
Hex.
Doc.
Page
N/A
Core
R230
CICR
Central Interrupt Control Register
87
23
R231
FLAGR
Flag Register
00
24
R232
RP0
Pointer 0 Register
xx
26
R233
RP1
Pointer 1 Register
xx
26
R234
PPR
Page Pointer Register
xx
28
R235
MODER
Mode Register
E0
28
R236
USPHR
User Stack Pointer High Register
xx
30
R237
USPLR
User Stack Pointer Low Register
xx
30
R238
SSPHR
System Stack Pointer High Reg.
xx
30
R239
SSPLR
System Stack Pointer Low Reg.
xx
30
I/O
Port
0:5
R224
P0DR
Port 0 Data Register
FF
118
R225
P1DR
Port 1 Data Register
FF
R226
P2DR
Port 2 Data Register
FF
R227
P3DR
Port 3 Data Register
FF
R228
P4DR
Port 4 Data Register
FF
R229
P5DR
Port 5 Data Register
FF
0
INT
R242
EITR
External Interrupt Trigger Register
00
78
R243
EIPR
External Interrupt Pending Reg.
00
79
R244
EIMR
External Interrupt Mask-bit Reg.
00
79
R245
EIPLR
External Interrupt Priority Level Reg.
FF
79
R246
EIVR
External Interrupt Vector Register
x6
130
R247
NICR
Nested Interrupt Control
00
80
WDT
R248
WDTHR
Watchdog Timer High Register
FF
129
R249
WDTLR
Watchdog Timer Low Register
FF
129
R250
WDTPR
Watchdog Timer Prescaler Reg.
FF
129
R251
WDTCR
Watchdog Timer Control Register
12
129
R252
WCR
Wait Control Register
7F
130
2
I/O
Port
0
R240
P0C0
Port 0 Configuration Register 0
00
118
R241
P0C1
Port 0 Configuration Register 1
00
R242
P0C2
Port 0 Configuration Register 2
00
I/O
Port
1
R244
P1C0
Port 1 Configuration Register 0
00
R245
P1C1
Port 1 Configuration Register 1
00
R246
P1C2
Port 1 Configuration Register 2
00
I/O
Port
2
R248
P2C0
Port 2 Configuration Register 0
FF
R249
P2C1
Port 2 Configuration Register 1
00
R250
P2C2
Port 2 Configuration Register 2
00
I/O
Port
3
R252
P3C0
Port 3 Configuration Register 0
FE
R253
P3C1
Port 3 Configuration Register 1
00
R254
P3C2
Port 3 Configuration Register 2
00
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com