Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST92F120V9 Datasheet(PDF) 291 Page - STMicroelectronics

Part # ST92F120V9
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120V9 Datasheet(HTML) 291 Page - STMicroelectronics

Back Button ST92F120V9 Datasheet HTML 287Page - STMicroelectronics ST92F120V9 Datasheet HTML 288Page - STMicroelectronics ST92F120V9 Datasheet HTML 289Page - STMicroelectronics ST92F120V9 Datasheet HTML 290Page - STMicroelectronics ST92F120V9 Datasheet HTML 291Page - STMicroelectronics ST92F120V9 Datasheet HTML 292Page - STMicroelectronics ST92F120V9 Datasheet HTML 293Page - STMicroelectronics ST92F120V9 Datasheet HTML 294Page - STMicroelectronics ST92F120V9 Datasheet HTML 295Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 291 / 324 page
background image
291/324
ST92F120 - ELECTRICAL CHARACTERISTICS
FLASH / EEPROM SPECIFICATIONS
(VDD = 5V ± 10%, TA = –40°C to +105°C, unless otherwise specified) (1)
Note:
(1) The full range of characteristics will be available after final product characterisation.
(2) Relationship computation between EEPROM sector cycling and single byte cycling is provided in a dedicated STMicroelectronics Appli-
cation Note (ref. AN1152).
FLASH / EEPROM DC & AC CHARACTERISTICS
(VDD = 5V ± 10%, TA = –40°C to +105°C, unless otherwise specified)
Note:
(1) Below the min value the FLASH / EEPROM can never be written; above the max value FLASH/EEPROM can always be written.
(2) Below the min value the FLASH / EEPROM can never be read; above the max value FLASH/EEPROM can always be read.
Parameter
Min
Typ
Max
Unit
MAIN FLASH
Byte Program
10
1200
µs
128 kbytes Flash Program
1.3
s
64 kbytes Flash Sector Erase
1
1.5
30
s
128 kbytes Flash Chip Erase
3
s
Erase Suspend Latency
15
µs
EEPROM
16 bytes Page Update
(1k EEPROM)
0.16
30
200
ms
EEPROM Chip Erase
70
ms
RELIABILITY
Flash Endurance 25°C
10000
cycles
Flash Endurance -40°C +105°C
3000
EEPROM Endurance
100000 (2)
cycles / sector
Data Retention
15
Years
Symbol
Parameter
Test Conditions
Min
Max
Unit
VCWL
Write Lock Supply Voltage (1)
34
V
VCRL
Read Lock Supply Voltage (2)
1.5
2.5
V
IDD1
Supply Current (Read)
VDD = 5.5 V, TA = –40°C,
fINTCLK = 24 MHz
60
mA
IDD2
Supply Current (Write)
VDD = 5.5 V, TA = –40°C,
fINTCLK = 24 MHz
60
mA
IDD3
Supply Current (Stand-by)
VDD = 5.5 V, TA = –40°C
100
µA
IDD4
Supply Current (Power-Down)
VDD = 5.5 V, TA = 105°C
10
µA
TPD
Recovery from Power-Down
VDD = 4.5 V, TA = 105°C
10
µs
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com