Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST92F120 Datasheet(PDF) 170 Page - STMicroelectronics

Part # ST92F120
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120 Datasheet(HTML) 170 Page - STMicroelectronics

Back Button ST92F120 Datasheet HTML 166Page - STMicroelectronics ST92F120 Datasheet HTML 167Page - STMicroelectronics ST92F120 Datasheet HTML 168Page - STMicroelectronics ST92F120 Datasheet HTML 169Page - STMicroelectronics ST92F120 Datasheet HTML 170Page - STMicroelectronics ST92F120 Datasheet HTML 171Page - STMicroelectronics ST92F120 Datasheet HTML 172Page - STMicroelectronics ST92F120 Datasheet HTML 173Page - STMicroelectronics ST92F120 Datasheet HTML 174Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 324 page
background image
170/324
MULTIFUNCTION TIMER (MFT)
MULTIFUNCTION TIMER (Cont’d)
TIMER CONTROL REGISTER (TCR)
R248 - Read/Write
Register Page: 10
Reset value: 0000 0000 (00h)
Bit 7 = CEN:
Counter enable.
This bit is ANDed with the Global Counter Enable
bit (GCEN) in the CICR register (R230). The
GCEN bit is set after the Reset cycle.
0: Stop the counter and prescaler
1: Start the counter and prescaler (without reload).
Note: Even if CEN=0, capture and loading will
take place on a trigger event.
Bit 6 = CCP0:
Clear on capture.
0: No effect
1: Clear the counter and reload the prescaler on a
REG0R or REG1R capture event
Bit 5 = CCMP0:
Clear on Compare.
0: No effect
1: Clear the counter and reload the prescaler on a
CMP0R compare event
Bit 4 = CCL:
Counter clear.
This bit is reset by hardware after being set by
software (this bit always returns “0” when read).
0: No effect
1: Clear the counter without generating an inter-
rupt request
Bit 3 = UDC:
Up/Down software selection.
If the direction of the counter is not fixed by hard-
ware (TxINA and/or TxINB pins, see par. 10.3) it
can be controlled by software using the UDC bit.
0: Down counting
1: Up counting
Bit 2 = UDCS:
Up/Down count status.
This bit is read only and indicates the direction of
the counter.
0: Down counting
1: Up counting
Bit 1 = OF0:
OVF/UNF state.
This bit is read only.
0: No overflow or underflow occurred
1: Overflow or underflow occurred during a Cap-
ture on Register 0
Bit 0 = CS
Counter Status.
This bit is read only and indicates the status of the
counter.
0: Counter halted
1: Counter running
70
CEN CCP0
CCMP0 CCL UDC UDCS OF0 CS
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com