Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72324BLJ2T1 Datasheet(PDF) 63 Page - STMicroelectronics

Part # ST72324BLJ2T1
Description  3V RANGE 8-BIT MCU WITH 8 TO 32K FLASH/ROM, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BLJ2T1 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button ST72324BLJ2T1 Datasheet HTML 59Page - STMicroelectronics ST72324BLJ2T1 Datasheet HTML 60Page - STMicroelectronics ST72324BLJ2T1 Datasheet HTML 61Page - STMicroelectronics ST72324BLJ2T1 Datasheet HTML 62Page - STMicroelectronics ST72324BLJ2T1 Datasheet HTML 63Page - STMicroelectronics ST72324BLJ2T1 Datasheet HTML 64Page - STMicroelectronics ST72324BLJ2T1 Datasheet HTML 65Page - STMicroelectronics ST72324BLJ2T1 Datasheet HTML 66Page - STMicroelectronics ST72324BLJ2T1 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 151 page
background image
ST72F324L, ST72324BL
63/151
16-BIT TIMER (Cont’d)
Figure 40. One Pulse Mode Timing Example
Figure 41. Pulse Width Modulation Mode Timing Example with 2 Output Compare Functions
COUNTER
FFFC FFFD FFFE
2ED0
2ED1 2ED2
2ED3
FFFC FFFD
OLVL2
OLVL2
OLVL1
ICAP1
OCMP1
compare1
Note: IEDG1=1, OC1R=2ED0h, OLVL1=0, OLVL2=1
01F8
01F8
2ED3
IC1R
COUNTER 34E2
34E2
FFFC
OLVL2
OLVL2
OLVL1
OCMP1
compare2
compare1
compare2
Note: OC1R=2ED0h, OC2R=34E2, OLVL1=0, OLVL2= 1
FFFC FFFD FFFE
2ED0
2ED1 2ED2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com