Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72324BLJ2T1 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST72324BLJ2T1
Description  3V RANGE 8-BIT MCU WITH 8 TO 32K FLASH/ROM, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BLJ2T1 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST72324BLJ2T1 Datasheet HTML 2Page - STMicroelectronics ST72324BLJ2T1 Datasheet HTML 3Page - STMicroelectronics ST72324BLJ2T1 Datasheet HTML 4Page - STMicroelectronics ST72324BLJ2T1 Datasheet HTML 5Page - STMicroelectronics ST72324BLJ2T1 Datasheet HTML 6Page - STMicroelectronics ST72324BLJ2T1 Datasheet HTML 7Page - STMicroelectronics ST72324BLJ2T1 Datasheet HTML 8Page - STMicroelectronics ST72324BLJ2T1 Datasheet HTML 9Page - STMicroelectronics ST72324BLJ2T1 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 151 page
background image
ST72F324L, ST72324BL
6/151
1 INTRODUCTION
The ST72F324L and ST72324BL devices are
members of the ST7 microcontroller family de-
signed for the 3V operating range. They can be
grouped as follows:
– The 32-pin devices are designed for mid-range
applications
– The 44-pin devices target the same range of ap-
plications requiring more than 24 I/O ports.
All devices are based on a common industry-
standard 8-bit core, featuring an enhanced instruc-
tion set and are available with FLASH or ROM pro-
gram memory.
Under software control, all devices can be placed
in WAIT, SLOW, ACTIVE-HALT or HALT mode,
reducing power consumption when the application
is in idle or stand-by state.
The enhanced instruction set and addressing
modes of the ST7 offer both power and flexibility to
software developers, enabling the design of highly
efficient and compact application code. In addition
to standard 8-bit data management, all ST7 micro-
controllers feature true bit manipulation, 8x8 un-
signed multiplication and indirect addressing
modes.
Figure 1. Device Block Diagram
8-BIT CORE
ALU
OSC1
VPP
CONTROL
PROGRAM
(8K - 60K Bytes)
VDD
RESET
PORT F
PF7:6,4,2:0
TIMER A
BEEP
PORT A
RAM
(384 - 2048 Bytes)
PORT C
10-BIT ADC
VAREF
VSSA
PORT B
PB4:0
PORT E
PE1:0
(2 bits)
SCI
TIMER B
PA7:3
(5 bits on J devices)
PORT D
PD5:0
SPI
PC7:0
(8 bits)
VSS
WATCHDOG
OSC
OSC2
MEMORY
MCC/RTC/BEEP
(4 bits on K devices)
(5 bits on J devices)
(3 bits on K devices)
(6 bits on J devices)
(2 bits on K devices)
(6 bits on J devices)
(5 bits on K devices)
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com