Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL3 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # TL3
Description  Solid Tantalum Surface Mount Chip Capacitors, TANTAMOUNT™, Molded Case, Very Low DCL
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TL3 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button TL3 Datasheet HTML 5Page - Vishay Siliconix TL3 Datasheet HTML 6Page - Vishay Siliconix TL3 Datasheet HTML 7Page - Vishay Siliconix TL3 Datasheet HTML 8Page - Vishay Siliconix TL3 Datasheet HTML 9Page - Vishay Siliconix TL3 Datasheet HTML 10Page - Vishay Siliconix TL3 Datasheet HTML 11Page - Vishay Siliconix TL3 Datasheet HTML 12Page - Vishay Siliconix TL3 Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
TL3
www.vishay.com
Vishay Sprague
Revision: 22-Jun-17
9
Document Number: 40154
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
25 VDC AT +85 °C; 17 VDC AT +125 °C
3.3
B
TL3B335(1)025(2)1500
0.41
6
1.500
0.24
3.3
C
TL3C335(1)025(2)2300
0.41
6
2.300
0.22
3.3
C
TL3C335(1)025(2)1000
0.41
6
1.000
0.33
4.7
B
TL3B475(1)025(2)2800
0.59
6
2.800
0.17
4.7
B
TL3B475(1)025(2)1500
0.59
6
1.500
0.24
4.7
C
TL3C475(1)025(2)2000
0.59
6
2.000
0.23
4.7
C
TL3C475(1)025(2)0525
0.59
6
0.525
0.46
6.8
C
TL3C685(1)025(2)1700
0.85
6
1.700
0.25
6.8
C
TL3C685(1)025(2)0500
0.85
6
0.500
0.47
6.8
D
TL3D685(1)025(3)1200
0.85
6
1.200
0.35
6.8
D
TL3D685(1)025(3)0350
0.85
6
0.350
0.65
10
B
TL3B106(1)025(2)2300
1.25
6
2.300
0.19
10
B
TL3B106(1)025(2)1300
1.25
6
1.300
0.26
10
C
TL3C106(1)025(2)1500
1.25
6
1.500
0.27
10
C
TL3C106(1)025(2)0450
1.25
6
0.450
0.49
10
D
TL3D106(1)025(3)1000
1.25
6
1.000
0.39
10
D
TL3D106(1)025(3)0300
1.25
6
0.300
0.71
15
C
TL3C156(1)025(2)1200
1.88
6
1.200
0.30
15
C
TL3C156(1)025(2)0425
1.88
6
0.425
0.51
15
D
TL3D156(1)025(3)0800
1.88
6
0.800
0.43
15
D
TL3D156(1)025(3)0250
1.88
6
0.250
0.77
22
C
TL3C226(1)025(2)1200
2.75
6
1.200
0.30
22
D
TL3D226(1)025(3)0700
2.75
6
0.700
0.46
22
D
TL3D226(1)025(3)0200
2.75
6
0.200
0.87
33
D
TL3D336(1)025(3)0700
4.13
6
0.700
0.46
33
D
TL3D336(1)025(3)0300
4.13
6
0.300
0.71
33
E
TL3E336(1)025(3)0600
4.13
6
0.600
0.52
33
E
TL3E336(1)025(3)0200
4.13
6
0.200
0.91
47
D
TL3D476(1)025(3)0700
5.88
8
0.700
0.46
47
D
TL3D476(1)025(3)0350
5.88
8
0.350
0.65
47
E
TL3E476(1)025(3)0600
5.88
6
0.600
0.52
47
E
TL3E476(1)025(3)0300
5.88
6
0.300
0.74
35 VDC AT +85 °C; 23 VDC AT +125 °C
0.10
A
TL3A104(1)035(2)20R0
0.25
4
20.000
0.06
0.10
A
TL3A104(1)035(2)10R0
0.25
4
10.000
0.09
0.15
A
TL3A154(1)035(2)18R0
0.25
4
18.000
0.06
0.15
A
TL3A154(1)035(2)6000
0.25
4
6.000
0.11
0.22
A
TL3A224(1)035(2)15R0
0.25
4
15.000
0.07
0.22
A
TL3A224(1)035(2)6000
0.25
4
6.000
0.11
0.33
A
TL3A334(1)035(2)13R0
0.25
4
13.000
0.08
0.33
A
TL3A334(1)035(2)6000
0.25
4
6.000
0.11
0.47
A
TL3A474(1)035(2)10R0
0.25
4
10.000
0.09
0.47
A
TL3A474(1)035(2)4000
0.25
4
4.000
0.14
0.47
B
TL3B474(1)035(2)8000
0.25
4
8.000
0.10
0.47
B
TL3B474(1)035(2)2500
0.25
4
2.500
0.33
0.68
B
TL3B684(1)035(2)6500
0.25
4
6.500
0.11
0.68
B
TL3B684(1)035(2)2500
0.25
4
2.500
0.18
STANDARD RATINGS
CAPACITANCE
(μF)
CASE CODE
PART NUMBER
MAX. DCL
AT +25 °C
(μA)
MAX. DF
AT +25 °C
120 Hz
(%)
MAX. ESR
AT +25 °C
100 kHz
(
Ω)
MAX. RIPPLE
100 kHz
IRMS
(A)
Note
• Part number definitions:
(1) Capacitance tolerance: K, M
(2) Termination and packaging: C, D, E, F
(3) Termination and packaging: C, D, E, F, U, V, T, W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com