Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL3 Datasheet(PDF) 11 Page - Vishay Siliconix

Part # TL3
Description  Solid Tantalum Surface Mount Chip Capacitors, TANTAMOUNT™, Molded Case, Very Low DCL
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TL3 Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button TL3 Datasheet HTML 7Page - Vishay Siliconix TL3 Datasheet HTML 8Page - Vishay Siliconix TL3 Datasheet HTML 9Page - Vishay Siliconix TL3 Datasheet HTML 10Page - Vishay Siliconix TL3 Datasheet HTML 11Page - Vishay Siliconix TL3 Datasheet HTML 12Page - Vishay Siliconix TL3 Datasheet HTML 13Page - Vishay Siliconix TL3 Datasheet HTML 14Page - Vishay Siliconix TL3 Datasheet HTML 15Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
TL3
www.vishay.com
Vishay Sprague
Revision: 22-Jun-17
11
Document Number: 40154
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
50 VDC AT +85 °C; 33 VDC AT +125 °C
0.22
B
TL3B224(1)050(2)8500
0.25
4
8.500
0.10
0.33
B
TL3B334(1)050(2)10R0
0.25
4
10.000
0.09
0.33
B
TL3B334(1)050(2)4500
0.25
4
4.500
0.14
0.47
B
TL3B474(1)050(2)8400
0.25
4
8.400
0.10
0.47
B
TL3B474(1)050(2)4000
0.25
4
4.000
0.15
0.47
C
TL3C474(1)050(2)6700
0.25
4
6.700
0.13
0.47
C
TL3C474(1)050(2)1800
0.25
4
1.800
0.25
0.68
C
TL3C684(1)050(2)5900
0.25
4
5.900
0.14
0.68
C
TL3C684(1)050(2)1600
0.25
4
1.600
0.26
1.0
B
TL3B105(1)050(2)6700
0.25
4
6.700
0.11
1.0
B
TL3B105(1)050(2)2000
0.25
4
2.000
0.21
1.0
C
TL3C105(1)050(2)4600
0.25
4
4.600
0.15
1.0
C
TL3C105(1)050(2)1600
0.25
4
1.600
0.26
1.5
C
TL3C155(1)050(2)3400
0.38
6
3.400
0.18
1.5
C
TL3C155(1)050(2)1500
0.38
6
1.500
0.27
1.5
D
TL3D155(1)050(3)2900
0.38
6
2.900
0.23
1.5
D
TL3D155(1)050(3)1000
0.375
6
1.000
0.39
2.2
C
TL3C225(1)050(2)2900
0.55
6
2.900
0.19
2.2
C
TL3C225(1)050(2)1500
0.55
6
1.500
0.27
2.2
D
TL3D225(1)050(3)2100
0.55
6
2.100
0.27
2.2
D
TL3D225(1)050(3)0800
0.55
6
0.800
0.43
3.3
D
TL3D335(1)050(3)1700
0.83
6
1.700
0.30
3.3
D
TL3D335(1)050(3)0800
0.83
6
0.800
0.43
4.7
D
TL3D475(1)050(3)1200
1.18
6
1.200
0.35
4.7
D
TL3D475(1)050(3)0600
1.18
6
0.600
0.50
6.8
E
TL3E685(1)050(3)0900
1.70
6
0.900
0.43
6.8
E
TL3E685(1)050(3)0540
1.70
6
0.540
0.55
10
E
TL3E106(1)050(3)0800
2.50
6
0.800
0.45
10
E
TL3E106(1)050(3)0550
2.50
6
0.550
0.55
POWER DISSIPATION
CASE CODE
MAXIMUM PERMISSIBLE POWER DISSIPATION AT +25 °C (W) IN FREE AIR
A
0.075
B
0.085
C
0.110
D
0.150
E
0.165
STANDARD RATINGS
CAPACITANCE
(μF)
CASE CODE
PART NUMBER
MAX. DCL
AT +25 °C
(μA)
MAX. DF
AT +25 °C
120 Hz
(%)
MAX. ESR
AT +25 °C
100 kHz
(
Ω)
MAX. RIPPLE
100 kHz
IRMS
(A)
Note
• Part number definitions:
(1) Capacitance tolerance: K, M
(2) Termination and packaging: C, D, E, F
(3) Termination and packaging: C, D, E, F, U, V, T, W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com