Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP8 Datasheet(PDF) 14 Page - Vishay Siliconix

Part # TP8
Description  Solid Tantalum Chip Capacitors, MICROTAN® , High CV Leadframeless Molded Automotive Grade
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TP8 Datasheet(HTML) 14 Page - Vishay Siliconix

Back Button TP8 Datasheet HTML 9Page - Vishay Siliconix TP8 Datasheet HTML 10Page - Vishay Siliconix TP8 Datasheet HTML 11Page - Vishay Siliconix TP8 Datasheet HTML 12Page - Vishay Siliconix TP8 Datasheet HTML 13Page - Vishay Siliconix TP8 Datasheet HTML 14Page - Vishay Siliconix TP8 Datasheet HTML 15Page - Vishay Siliconix TP8 Datasheet HTML 16Page - Vishay Siliconix TP8 Datasheet HTML 17Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Typical Performance Characteristics
www.vishay.com
Vishay Sprague
Revision: 26-Jun-17
1
Document Number: 40215
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Molded Chip Tantalum Capacitors, Automotive Grade
Notes
• All information presented in this document reflects typical performance characteristics
(1) Series TH3 - up to 150 °C; TH4 - up to 175 °C
(2) Capacitance value 15 μF and higher
(3) For 293D and TR3 only
Note
• For temperatures above +85 °C the same voltage derating ratio is recommended, but with respect to category voltage.
Up to +85 °C: category voltage = rated voltage
At +125 °C: category voltage = 2/3 of rated voltage
At 150 °C / 175 °C: category voltage = 1/2 of rated voltage
ELECTRICAL PERFORMANCE CHARACTERISTICS
ITEM
PERFORMANCE CHARACTERISTICS
Category temperature range
-55 °C to +85 °C
(to +125 °C / +150 °C / +175 °C with voltage derating - refer to graph “Category Voltage vs. Temperature”) (1)
Capacitance tolerance
± 20 %, ± 10 %, tested via bridge method, at 25 °C, 120 Hz
Dissipation factor
Limits per Standard Ratings table. Tested via bridge method, at 25 °C, 120 Hz
ESR
Limits per Standard Ratings table. Tested via bridge method, at 25 °C, 100 kHz
Leakage current
After application of rated voltage applied to capacitors for 5 min using a steady source of power with 1 k
Ω
resistor in series with the capacitor under test, leakage current at 25 °C is not more than 0.01 CV or 0.5 μA,
whichever is greater. Note that the leakage current varies with temperature and applied voltage. See graph
“Typical Leakage Current Temperature Factor” for the appropriate adjustment factor.
Capacitance change by
temperature
+30 % max. (at +175 °C)
+20 % max. (at +125 °C and +150 °C)
+10 % max. (at +85 °C)
-10 % max. (at -55 °C)
Reverse voltage
Capacitors are capable of withstanding peak voltages in the reverse direction equal to:
10 % of the DC rating at +25 °C
5 % of the DC rating at +85 °C
1 % of the DC rating at +125 °C
Ripple current
For maximum ripple current values (at 25 °C) refer to relevant datasheet. If capacitors are to be used at
temperatures above +25 °C, the permissible RMS ripple current (or voltage) shall be calculated using the
derating factors:
1.0 at +25 °C
0.9 at +85 °C
0.4 at +125 °C
0.3 at +150 °C
0.2 at +175 °C
Maximum operating
and surge voltages vs.
temperature
+85 °C
+125 °C
+150 °C / +175 °C
RATED VOLTAGE
(V)
SURGE VOLTAGE
(V)
CATEGORY
VOLTAGE
(V)
SURGE VOLTAGE
(V)
CATEGORY
VOLTAGE
(V)
4
5.2
2.7
3.4
n/a
6.3
8
453
10
13
7
8
5
16
20
10
12
8
20
26
13
16
10
25
32
17
20
12.5
35
46
23
28
17.5
50
65
33
40
25
50 (2)
60
33
40
n/a
63
75
42
50
n/a
75 (3)
75
50
50
n/a
RECOMMENDED VOLTAGE DERATING GUIDELINES (for temperature below +85 °C)
VOLTAGE RAIL
CAPACITOR VOLTAGE RATING
≤ 3.3
6.3
510
10
20
12
25
15
35
≥ 24
50 or series configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com