Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP8 Datasheet(PDF) 16 Page - Vishay Siliconix

Part # TP8
Description  Solid Tantalum Chip Capacitors, MICROTAN® , High CV Leadframeless Molded Automotive Grade
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TP8 Datasheet(HTML) 16 Page - Vishay Siliconix

Back Button TP8 Datasheet HTML 9Page - Vishay Siliconix TP8 Datasheet HTML 10Page - Vishay Siliconix TP8 Datasheet HTML 11Page - Vishay Siliconix TP8 Datasheet HTML 12Page - Vishay Siliconix TP8 Datasheet HTML 13Page - Vishay Siliconix TP8 Datasheet HTML 14Page - Vishay Siliconix TP8 Datasheet HTML 15Page - Vishay Siliconix TP8 Datasheet HTML 16Page - Vishay Siliconix TP8 Datasheet HTML 17Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
Typical Performance Characteristics
www.vishay.com
Vishay Sprague
Revision: 26-Jun-17
3
Document Number: 40215
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ENVIRONMENTAL PERFORMANCE CHARACTERISTICS
ITEM
CONDITION
POST TEST PERFORMANCE
High temperature
exposure (storage)
MIL-STD-202, method 108
1000 h, at maximum rated temperature,
unpowered
Capacitance change
Dissipation factor
Leakage current
ESR
Within ± 20 % of initial value
Initial specified limit
Initial specified limit
Initial specified limit
Operational life test
at +125 °C
AEC-Q200
1000 h application 2/3 of rated voltage
Capacitance change
Dissipation factor
Leakage current
ESR
Within ± 20 % of initial value
Initial specified limit
Shall not exceed 10 times the initial limit
Initial specified limit
Operational life test
at +150 °C (for TH3)
and at +175 °C
(for TH4)
AEC-Q200
1000 h application 1/2 of rated voltage
Capacitance change
Dissipation factor
Leakage current
ESR
Within ± 20 % of initial value
Shall not exceed 3 times the initial limit
Shall not exceed 10 times the initial limit
Shall not exceed 3 times the initial limit
Surge voltage
MIL-PRF-55365:
1000 successive test cycles at 85 °C of surge
voltage (as specified in the table above), in
series with a 33
Ω resistor at the rate of
30 s ON, 30 s OFF
Capacitance change
Dissipation factor
Leakage current
ESR
Within ± 30 % of initial value
Shall not exceed 1.5 times the initial limit
Shall not exceed 2 times the initial limit
Shall not exceed 1.5 times the initial limit
Biased humidity test
AEC-Q200
At 85 °C / 85 % RH, 1000 h,
with rated voltage applied
Capacitance change
Dissipation factor
Leakage current
ESR
Within ± 20 % of initial value
Shall not exceed 3 times the initial limit
Shall not exceed 10 times the initial limit
Shall not exceed 3 times the initial limit
Temperature cycling
AEC-Q200 / JESD22, method JA-104
-55 °C / +125 °C, for 1000 cycles
Capacitance change
Dissipation factor
Leakage current
ESR
Within ± 20 % of initial value
Initial specified limit
Initial specified limit
Initial specified limit
MECHANICAL PERFORMANCE CHARACTERISTICS
ITEM
CONDITION
POST TEST PERFORMANCE
Vibration
MIL-STD-202, method 204: 10 Hz to 2000 Hz, 5 g
peak for 20 min, 12 cycles each of 3 orientations
(total 36 cycles), at rated voltage
Capacitance change
Dissipation factor
Leakage current
Within ± 20 % of initial value
Initial specified limit
Initial specified limit
There shall be no mechanical or visual damage to
capacitors post-conditioning.
Mechanical shock
MIL-STD-202, method 213, condition F, 1500 g peak,
0.5 ms, half-sine
Capacitance change
Dissipation factor
Leakage current
Within ± 20 % of initial value
Initial specified limit
Initial specified limit
There shall be no mechanical or visual damage to
capacitors post-conditioning.
Resistance
to solder heat
MIL-STD-202, method 210, condition D
Solder dip 260 °C ± 5 °C, 10 s
Capacitance change
Dissipation factor
Leakage current
Within ± 20 % of initial value
Initial specified limit
Initial specified limit
Resistance to
solvents
MIL-STD-202, method 215
Capacitance change
Dissipation factor
Leakage current
Within ± 20 % of initial value
Initial specified limit
Initial specified limit
There shall be no mechanical or visual damage to
capacitors post-conditioning.
Body marking shall remain legible.
Solderability
AEC-Q200 / J-STD-002
Electrical test not required
Terminal strength /
Shear force test
AEC-Q200-006
Apply a pressure load of 17.7 N (1.8 kg) for 60 s
horizontally to the center of capacitor side body
Exception: for case size 0603 pressure load is 5N
Part should not be sheared off the pads and no body
cracking post-conditioning. Electrical test not required.
Flammability
Encapsulation materials meet UL 94 V-0 with an
oxygen index of 32 %
n/a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com