Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3B47 Datasheet(PDF) 3 Page - Analog Devices

Part # 3B47
Description  Isolated, Linearized, Thermocouple Input
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

3B47 Datasheet(HTML) 3 Page - Analog Devices

  3B47 Datasheet HTML 1Page - Analog Devices 3B47 Datasheet HTML 2Page - Analog Devices 3B47 Datasheet HTML 3Page - Analog Devices 3B47 Datasheet HTML 4Page - Analog Devices 3B47 Datasheet HTML 5Page - Analog Devices 3B47 Datasheet HTML 6Page - Analog Devices 3B47 Datasheet HTML 7Page - Analog Devices 3B47 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3B47
Rev. 0 | Page 3 of 8
3B47 Models Available
Model
Input Type
Input Range
Output Range
Accuracy1
3B47-J-01
Type J
0°C to +760°C (32°F to +1400°F)
0 V to +10 V
0.76°C
3B47-J-02
Type J
-100°C to +300°C (-148°F to +572°F)
0 V to +10 V
0.4°C
3B47-J-03
Type J
0°C to +500°C (+32°F to +932°F)
0 V to +10 V
0.36°C
3B47-K-04
Type K
0°C to +1000°C (+32°F to +1832°F)
0 V to +10 V
1.0°C
3B47-K-05
Type K
0°C to +500°C (+32°F to +932°F)
0 V to +10 V
0.38°C
3B47-T-06
Type T
-100°C to +400°C (-148°F to +752°F)
0 V to +10 V
1.1°C
3B47-T-07
Type T
0°C to +200°C (+32°F to +392°F)
0 V to +10 V
0.3°C
3B47-E-08
Type E
0°C to +1000°C (+32°F to +1832°F)
0 V to +10 V
1.5°C
3B47-R-09
Type R
+500°C to +1750°C (+932°F to +3182°F)
0 V to +10 V
1.6°C
3B47-S-10
Type S
+500°C to +1750°C (+932°F to +3182°F)
0 V to +10 V
1.5°C
3B47-B-11
Type B
+500°C to +1800°C (+932°F to +3272°F)
0 V to +10 V
3.3°C
3B47-Custom
Type J, K, T, E, R, S, or B
*
*
*
1The CJC sensor accuracy (refer to specification table) should be added to the module accuracy when computing system accuracy.
* Custom Input/Output ranges are available. Refer to configuration guide.
3B47 Specifications
(typical @ +25°C and ±15 V dc, and +24 V dc Power)
Description
Model 3B47
Input Ranges
Thermocouple Types
J, K, T, E, R, S, B
Standard Ranges
Refer to Model Table
Custom Ranges
±5 mV to ±500 mV
Output Range1
Voltage (RL > 2 KΩ)
0 V to +10 V
Accuracy2
Initial @ +25°C
See Model Table
Stability vs. Temperature
Voltage Output
Zero
±0.02°C/°C
Span
±25 ppm of Reading/°C
Zero and Span Adjustment Range3
±5% of Span
Cold Junction Compensation (CJC)4
Initial Accuracy @ +25°C
±0.5 °C
Accuracy vs. Temperature, +5°C to +45°C
±0.5°C (±0.0125°C/°C)
Input Bias Current
+15 nA
Input Resistance
15 M
Ω
Noise
Input, 0.1 Hz to 10 Hz Bandwidth
0.2 µV rms



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com