Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3B47 Datasheet(PDF) 4 Page - Analog Devices

Part # 3B47
Description  Isolated, Linearized, Thermocouple Input
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

3B47 Datasheet(HTML) 4 Page - Analog Devices

  3B47 Datasheet HTML 1Page - Analog Devices 3B47 Datasheet HTML 2Page - Analog Devices 3B47 Datasheet HTML 3Page - Analog Devices 3B47 Datasheet HTML 4Page - Analog Devices 3B47 Datasheet HTML 5Page - Analog Devices 3B47 Datasheet HTML 6Page - Analog Devices 3B47 Datasheet HTML 7Page - Analog Devices 3B47 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
3B47
Rev. 0 | Page 4 of 8
Output, 100 kHz Bandwidth
100 µV rms
Bandwidth, -3 dB
3 Hz
Output Rise Time, 10% to 90% Span
200 ms
Open Input Response
Upscale
Open Input Detection Time
10 seconds
Common-Mode Voltage (CMV)
Input-to-Output, Continuous
±1500 V peak, maximum
Transient
ANSI/IEEE C37.90.1-1989
Common Mode Rejection (CMR)
1 k
Ω Source Imbalance, 50/60 Hz
160 dB
Normal Mode Rejection, 50/60 Hz
60 dB
Input Protection
Continuous
220 V rms maximum
Transient
ANSI/IEEE C37.90.1-1989
Voltage Output Protection
Continuous Short to Ground
Current Output Protection
130 V rms, continuous
Power Supply Voltages
Rated Operation
±(11.5 V dc to 16.5 V dc)
Current
+16 mA, -14 mA
Sensitivity
±0.01% span/V
Mechanical Dimensions
3.15" x 3.395" x 0.775"
(80.0 mm x 86.2 mm x 19.7 mm)
Environmental
Temperature Range
Rated Performance
-25°C to +85°C
Storage
-55°C to +85°C
Relative Humidity
0 to 95% @ +60°C non-condensing
RFI Susceptibility
±0.5% Span error @ 400 MHz, 5 Watt, 3 ft
1 Current output is not available with model 3B47.
2 Includes the combined effects of repeatability, hysteresis, and nonlinearity.
3 A wide range of zero suppression and span adjustment is available to enable field calibration.
4 When used with the CJC temperature sensor provided on the 3B Series backplane. Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com