Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z8L18010FSC Datasheet(PDF) 13 Page - Zilog, Inc.

Part # Z8L18010FSC
Description  ENHANCED Z180 MICROPROCESSOR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8L18010FSC Datasheet(HTML) 13 Page - Zilog, Inc.

Back Button Z8L18010FSC Datasheet HTML 9Page - Zilog, Inc. Z8L18010FSC Datasheet HTML 10Page - Zilog, Inc. Z8L18010FSC Datasheet HTML 11Page - Zilog, Inc. Z8L18010FSC Datasheet HTML 12Page - Zilog, Inc. Z8L18010FSC Datasheet HTML 13Page - Zilog, Inc. Z8L18010FSC Datasheet HTML 14Page - Zilog, Inc. Z8L18010FSC Datasheet HTML 15Page - Zilog, Inc. Z8L18010FSC Datasheet HTML 16Page - Zilog, Inc. Z8L18010FSC Datasheet HTML 17Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 70 page
background image
Z80180/Z8S180/Z8L180
Zilog
Enhanced Z180 Microprocessor
DS971800401
P R E L I M I N A R Y
1-13
1
Figure 5. Timer Initialization, Count Down, and Reload Timing
FFFFH
0004H
0003H 0002H
0001H 0000H 0003H 0002H 0001H 0000H 0003H
Timer Data Register
Write (0004H)
Timer Data
Register
Timer Reload
Register
TDE Flag
TIF Flag
Reset
20
φ
20
φ
20
φ
20
φ
20
φ
20
φ
20
φ
20
φ
20
φ
0 < t < 20
φ
Timer Reload Register Write (0003H)
FFFFH
0003H
Reload
Reload
Write “1” to TDE
Timer Data Register Read
Timer Control Requestor Read
Figure 6. Timer Output Timing
Timer Data
Reg. = 0001H
Timer Data
Reg. = 0000H
TOUT
φ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com