Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z8L18010FSC Datasheet(PDF) 39 Page - Zilog, Inc.

Part # Z8L18010FSC
Description  ENHANCED Z180 MICROPROCESSOR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8L18010FSC Datasheet(HTML) 39 Page - Zilog, Inc.

Back Button Z8L18010FSC Datasheet HTML 35Page - Zilog, Inc. Z8L18010FSC Datasheet HTML 36Page - Zilog, Inc. Z8L18010FSC Datasheet HTML 37Page - Zilog, Inc. Z8L18010FSC Datasheet HTML 38Page - Zilog, Inc. Z8L18010FSC Datasheet HTML 39Page - Zilog, Inc. Z8L18010FSC Datasheet HTML 40Page - Zilog, Inc. Z8L18010FSC Datasheet HTML 41Page - Zilog, Inc. Z8L18010FSC Datasheet HTML 42Page - Zilog, Inc. Z8L18010FSC Datasheet HTML 43Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 70 page
background image
Z80180/Z8S180/Z8L180
Zilog
Enhanced Z180 Microprocessor
DS971800401
P R E L I M I N A R Y
1-39
1
ASCI CHANNEL CONTROL REGISTER A
MPE: Multi-Processor Mode Enable (bit 7). The ASCI
has a multiprocessor communication mode that utilizes an
extra data bit for selective communication when a number
of processors share a common serial bus. Multiprocessor
data format is selected when the MP bit in CNTLB is set to
1. If multiprocessor mode is not selected (MP bit in CNTLB
= 0), MPE has no effect. If multiprocessor mode is select-
ed, MPE enables or disables the “wake-up” feature as fol-
lows. If MBE is set to 1, only received bytes in which the
MPB (multiprocessor bit) = 1 can affect the RDRF and er-
ror flags. Effectively, other bytes (with MPB = 0) are “ig-
nored” by the ASCI. If MPE is reset to 0, all bytes, regard-
less of the state of the MPB data bit, affect the REDR and
error flags. MPE is cleared to 0 during RESET.
RE: Receiver Enable (bit 6). When RE is set to 1, the
ASCI transmitter is enabled. When TE is reset to 0, the
transmitter is disables and any transmit operation in
progress is interrupted. However, the TDRE flag is not re-
set and the previous contents of TDRE are held. TE is
cleared to 0 in IOSTOP mode during RESET.
TE: Transmitter Enable (bit 5). When TE is set to 1, the
ASCI receiver is enabled. When TE is reset to 0, the trans-
mitter is disabled and any transmit operation in progress is
interrupted. However, the TDRE flag is not reset and the
previous contents of TDRE are held. TE is cleared to 0 in
IOSTOP mode during RESET.
RTS0: Request to Send Channel 0 (bit 4 in CNTLA0
only). If bit 4 of the System Configuration Register is 0, the
RTS0/TxS pin has the RTS0 function. RTS0 allows the
ASCI to control (start/stop) another communication devic-
es transmission (for example, by connecting to that de-
vice’s CTS input). RTS0 is essentially a 1 bit output port,
having no side effects on other ASCI registers or flags.
Bit 4 in CNTLA1 is used.
CKA1D = 1, CKA1/TEND0 pin = TEND0
CKA1D = 0, CKA1/TEND0 pin = CKA1
Cleared to 0 on reset.
MPBR/EFR: Multiprocessor Bit Receive/Error Flag Re-
set (bit 3). When multiprocessor mode is enabled (MP in
CNTLB = 1), MPBR, when read, contains the value of the
MPB bit for the last receive operation. When written to 0,
the EFR function is selected to reset all error flags (OVRN,
FE, PE and BRK in the ASEXT Register) to 0. MPBR/EFR
is undefined during RESET.
Figure 33. ASCI Channel Control Register A
Bit
MPE
RE
R/W
R/W
R/W
TE
76
5
4
3
21
0
RTS0
MPBR/
MOD2
MOD1
MOD0
R/W
R/W
ASCI Control Register A 0 (CNTLA0: I/O Address = 00H)
R/W
R/W
R/W
EFR
Bit
MPE
RE
R/W
R/W
R/W
TE
76
5
4
3
21
0
MOD2
MOD1
MOD0
R/W
R/W
ASCI Control Register A 1 (CNTLA1: I/O Address = 01H)
R/W
R/W
R/W
MPBR/
EFR
CKA1D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com