Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5521 Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APL5521
Description  Dual-Channel, 3.3V/500mA and 2.5V/300mA Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5521 Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APL5521 Datasheet HTML 1Page - Anpec Electronics Coropration APL5521 Datasheet HTML 2Page - Anpec Electronics Coropration APL5521 Datasheet HTML 3Page - Anpec Electronics Coropration APL5521 Datasheet HTML 4Page - Anpec Electronics Coropration APL5521 Datasheet HTML 5Page - Anpec Electronics Coropration APL5521 Datasheet HTML 6Page - Anpec Electronics Coropration APL5521 Datasheet HTML 7Page - Anpec Electronics Coropration APL5521 Datasheet HTML 8Page - Anpec Electronics Coropration APL5521 Datasheet HTML 9Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Dual-Channel, 3.3V/500mA and 2.5V/300mA Linear Regulator
Copyright
 ANPEC Electronics Corp.
Rev. A.5 - Oct., 2003
APL5521
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise
customers to obtain the latest version of relevant information to verify before placing orders.
Features
General Description
The APL5521 is a dual low dropout regulator with
output 1 with 3.3V/0.5A and output2 with 2.5V/0.3A
output capability. In order to obtain lower dropout
voltage and faster transient response, which is criti-
cal for low voltage applications, the APL5221 has
been optimized. The dropout voltages are guaran-
teed at 1.25V at 0.5A for output1 and 1.2V at 0.3A
for output 2. Current limit is trimmed to ensure speci-
fied output current and controlled short-circuit current.
On-chip thermal limiting provides protection against
any combination of overload that would create ex-
cessive junction temperatures. The APL5521 regu-
lator comes in a SOP-8 package.
Applications
•
Desktop Computer
•
Networking Systems
•
Optical Data Storage Systems
•••••
Fixed Output Voltage :
VOUT1=3.3V/500mA
VOUT2=2.5V/300mA
•••••
Low Dropout Voltage (defined as the minimum
input/output voltage difference):
Output 1 Dropout Voltage : 1.25V (at 500mA)
Output 2 Dropout Voltage : 1.2V (at 300mA)
•••••
Stable with 10uF Output Capacitor(at VOUT1)
Stable with 10uF Output Capacitor(at VOUT2)
•••••
No Protection Diodes Needed
•••••
Built in Thermal Protection
•••••
Built in Current Limit Protection
•••••
Fast transient Response
•••••
Short Setting Time
•••••
SOP-8 Package Available
Pin Configuration
APL5521
1
2
3
45
6
7
8
VOUT1
VIN
VIN
VOUT2
GND
GND
GND
GND
SOP
− 8
Ordering and Marking Information
A P L5521
H a n d ling C o de
T e m p . R ang e
P a c k a ge C o de
P a c k a ge C o de
K : S O -8
O pera tin g J unc tio n T e m p . R ang e
C : 0 to 1 5 0 ° C
H a n d ling C o de
T U : T u b e
T R : T a p e & R e e l
Le ad F ree C o de
L : L e a d F re e D e v ic e
B la n k : O rig in a l D e v ic e
APL 5 5 2 1 K :
APL 5 5 2 1
XXXXX
XXXXX - D a te C ode
Le ad Free C ode


Similar Part No. - APL5521

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5522 ANPEC-APL5522 Datasheet
193Kb / 12P
Dual-Channel, 3.3V/500mA and 2.5V/500mA Linear Regulator
APL5522KAC-TRG ANPEC-APL5522KAC-TRG Datasheet
193Kb / 12P
Dual-Channel, 3.3V/500mA and 2.5V/500mA Linear Regulator
APL5522KC-TRG ANPEC-APL5522KC-TRG Datasheet
193Kb / 12P
Dual-Channel, 3.3V/500mA and 2.5V/500mA Linear Regulator
APL5523 ANPEC-APL5523 Datasheet
143Kb / 11P
Dual-Channel, 3.3V/500mA and 1.8V/300mA Linear Regulator
APL5523K ANPEC-APL5523K Datasheet
143Kb / 11P
Dual-Channel, 3.3V/500mA and 1.8V/300mA Linear Regulator
More results

Similar Description - APL5521

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5231-3 CHERRY-CS5231-3 Datasheet
280Kb / 11P
500mA, 3.3V Linear Regulator with Auxiliary Control
Rev. 3/31/99
logo
Sipex Corporation
SP6231 SIPEX-SP6231 Datasheet
145Kb / 10P
500mA, 3.3V Linear Regulator with Auxiliary Backup
logo
Anpec Electronics Corop...
APL5523 ANPEC-APL5523 Datasheet
143Kb / 11P
Dual-Channel, 3.3V/500mA and 1.8V/300mA Linear Regulator
logo
National Semiconductor ...
LP5996 NSC-LP5996 Datasheet
870Kb / 14P
Dual Linear Regulator with 300mA and 150mA Outputs
logo
Anpec Electronics Corop...
APL5537 ANPEC-APL5537 Datasheet
355Kb / 16P
Dual Channel 300mA Low Dropout Linear Regulator
APL5537 ANPEC-APL5537_11 Datasheet
354Kb / 16P
Dual Channel 300mA Low Dropout Linear Regulator
APL5522 ANPEC-APL5522 Datasheet
193Kb / 12P
Dual-Channel, 3.3V/500mA and 2.5V/500mA Linear Regulator
APL5523 ANPEC-APL5523_09 Datasheet
253Kb / 13P
Dual-Channel, 3.3V/500mA and 1.8V/300mA Linear Regulator
logo
Union Semiconductor, In...
UM4750 UNIONSEMI-UM4750 Datasheet
474Kb / 13P
300mA, Micropower, Dual Channel VLDO Linear Regulator
UM4750 UNIONSEMI-UM4750_15 Datasheet
484Kb / 13P
300mA, Micropower, Dual Channel VLDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com