Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADAV803 Datasheet(PDF) 16 Page - Analog Devices

Part # ADAV803
Description  Audio Codec for Recordable DVD
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV803 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADAV803 Datasheet HTML 12Page - Analog Devices ADAV803 Datasheet HTML 13Page - Analog Devices ADAV803 Datasheet HTML 14Page - Analog Devices ADAV803 Datasheet HTML 15Page - Analog Devices ADAV803 Datasheet HTML 16Page - Analog Devices ADAV803 Datasheet HTML 17Page - Analog Devices ADAV803 Datasheet HTML 18Page - Analog Devices ADAV803 Datasheet HTML 19Page - Analog Devices ADAV803 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 61 page
background image
ADAV803
Rev. A | Page 15 of 60
FUNCTIONAL DESCRIPTION
ADC SECTION
The ADAV803’s ADC section is implemented using a second-
order multibit (5 bits) Σ-Δ modulator. The modulator is
sampled at either half of the ADC MCLK rate (modulator clock
= 128 × fS) or one-quarter of the ADC MCLK rate (modulator
clock = 64 × fS). The digital decimator consists of a Sinc^5 filter
followed by a cascade of three half-band FIR filters. The Sinc
decimates by a factor of 16 at 48 kHz and by a factor of 8 at
96 kHz. Each of the half-band filters decimates by a factor of 2.
Figure 23 shows the details of the ADC section. By default, the
ADC assumes that the MCLK rate is 256 times the sample rate.
The ADC can be clocked by a number of different clock sources
to control the sample rate. MCLK selection for the ADC is set
by Internal Clocking Control Register 1 (Address 0x76). The
ADC provides an output word of up to 24 bits of resolution in
twos complement format. The output word can be routed to the
output ports, the sample rate converter, or the S/PDIF digital
transmitter.
REG 0x76
BITS[4:2]
REG 0x6F
BITS[1:0]
ADC MCLK
DIVIDER
ADC
MCLK
ADC
Figure 23. Clock Path Control on the ADC
Programmable Gain Amplifier (PGA)
The input of the record channel features a PGA that converts
the single-ended signal to a differential signal, which is applied
to the analog Σ-Δ modulator of the ADC. The PGA can be
programmed to amplify a signal by up to 24 dB in 0.5 dB
increments. Figure 24 shows the structure of the PGA circuit.
4kΩ TO 64kΩ
125Ω
TO
MODULATOR
CAPxN
CAPxP
EXTERNAL
CAPACITOR
(1nF NPO)
EXTERNAL
CAPACITOR
(1nF NPO)
EXTERNAL
CAPACITOR
(1nF NPO)
8kΩ
8kΩ
VREF
4kΩ
125Ω
Figure 24. PGA Block Diagram
Analog Σ-Δ Modulator
The ADC features a second-order, multibit, Σ-Δ modulator. The
input features two integrators in cascade followed by a flash
converter. This multibit output is directed to a scrambler,
followed by a DAC for loop feedback. The flash ADC output is
also converted from thermometer coding to binary coding for
input as a 5-bit word to the decimator. Figure 25 shows the
ADC block diagram.
The ADC also features independent digital volume control for
the left and right channels. The volume control consists of
256 linear steps, with each step reducing the digital output
codes by 0.39%. Each channel also has a peak detector that
records the peak level of the input signal. The peak detector
register is cleared by reading it.
ADC MCLK
AMC
(REG 0x6E
BIT 7)
MULTIBIT
Σ-Δ
MODULATOR
DECIMATOR
HPF
PEAK
DETECT
VOLUME
CONTROL
SINC^5
HALF-BAND
FILTER
MODULATOR
CLOCK
(6.144MHz MAX)
384kHz
768kHz
SINC
COMPENSATION
192kHz
384kHz
HALF-BAND
FILTER
96kHz
192kHz
48kHz
96kHz
÷2
÷4
Figure 25. ADC Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com