Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JCS2N60C Datasheet(PDF) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # JCS2N60C
Description  MAIN CHARACTERISTICS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

JCS2N60C Datasheet(HTML) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  JCS2N60C Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS2N60C Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS2N60C Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS2N60C Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS2N60C Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS2N60C Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS2N60C Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS2N60C Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS2N60C Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
R
JCS2N60C
版本:201603G
2/16
绝对最大额定值
ABSOLUTE RATINGS (Tc=25℃)
*漏极电流由最高结温限制
*Drain current limited by maximum junction temperature
Parameter
符 号
Symbol
数 值 Value
Unit
JCS2N60
VC/RC
JCS2N60
CC
JCS2N60
FC
JCS2N60
TC
最高漏极-源极直流
电压
Drain-Source Voltage
VDSS
600
V
连续漏极电流
Drain
Current-continuous
ID
T=25℃
T=100℃
1.9
2.0
2.0*
A
1.1
1.3
1.3*
A
最大脉冲漏极电流(注
1)
Drain Current
– pulse
(note 1)
IDM
8.0
8.0*
A
最高栅源电压
Gate-Source Voltage
VGSS
±30
V
单脉冲雪崩能量(注 2)
Single Pulsed
Avalanche
Energy(note 2)
EAS
240
mJ
雪崩电流(注 1)
Avalanche Current
(note 1)
IAR
1.9
A
重复雪崩能量(注 1)
Repetitive Avalanche
Current (note 1)
EAR
4.2
mJ
二极管反向恢复最大
电压变化速率(注 3)
Peak Diode Recovery
dv/dt
(note 3)
dv/dt
4.6
V/ns
耗散功率
Power Dissipation
PD
TC=25℃
-Derate
above
25℃
44
54
43.9
4
W
0.35
0.43
0.35
0.025
W/℃
最高结温及存储温度
Operating and
Storage
Temperature Range
TJ,T
B
STGB
-55~+150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com