Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JCS2N60C Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # JCS2N60C
Description  MAIN CHARACTERISTICS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

JCS2N60C Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  JCS2N60C Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS2N60C Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS2N60C Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS2N60C Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS2N60C Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS2N60C Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS2N60C Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS2N60C Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS2N60C Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
R
JCS2N60C
版本:201603G
1/16
JCS2N60C
订 货 型 号
Order codes
Marking
Package
无 卤 素
Halogen Free
Packaging
器件重量
Device
Weight
JCS2N60TC-O-T-N-A
JCS2N60T
TO-92
NO
编带 Brede
0.22 g(typ)
JCS2N60VC-O-V-N-B
JCS2N60V
IPAK
NO
条管 Tube
0.35 g(typ)
JCS2N60RC-O-R-N-B
JCS2N60R
DPAK
NO
条管 Tube
0.30 g(typ)
JCS2N60RC-O-R-N-A
JCS2N60R
DPAK
NO
编带 Brede
0.30 g(typ)
JCS2N60CC-O-C-N-B
JCS2N60C
TO-220C
NO
条管 Tube
2.15 g(typ)
JCS2N60FC-O-F-N-B
JCS2N60F
TO-220MF
NO
条管 Tube
2.20 g(typ)
JCS2N60FC-O-F2-N
-B
JCS2N60F
TO-220MF
-K2
NO
条管 Tube
2.00 g(typ)
封装 Package
主要参数
MAIN
CHARACTERISTICS
ID
2.0 A
VDSS
600 V
Rdson-max
(Vgs=10V)
5.0 Ω
Qg-typ
8.1 nC
用途
 高频开关电源
 电子镇流器
 LED 电源
APPLICATIONS
High efficiency switch
mode power supplies
Electronic lamp ballasts
based on half bridge
LED power supplie
产品特性
低栅极电荷
低C
rss (典型值 3.1pF)
开关速度快
产品全部经过雪崩测试
高抗 dv/dt 能力
RoHS 产品
FEATURES
Low gate charge
Low C
rss (typical 3.1pF )
Fast switching
100% avalanche tested
Improved dv/dt capability
RoHS product
订货信息 ORDER MESSAGE


Similar Part No. - JCS2N60C

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
JCS2N60C-O-C-N-B JSMC-JCS2N60C-O-C-N-B Datasheet
1Mb / 14P
N-CHANNEL MOSFET
JCS2N60CB-O-C-N-B JSMC-JCS2N60CB-O-C-N-B Datasheet
1Mb / 18P
N-CHANNEL MOSFET
More results

Similar Description - JCS2N60C

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
2N7002KB SILIKRON-2N7002KB Datasheet
507Kb / 7P
Main Product Characteristics
SSBD10100CT SILIKRON-SSBD10100CT Datasheet
468Kb / 6P
Main Product Characteristics
SSBD10150CT SILIKRON-SSBD10150CT Datasheet
301Kb / 6P
Main Product Characteristics
SSBD20200CT SILIKRON-SSBD20200CT Datasheet
333Kb / 6P
Main Product Characteristics
SSF2N60D SILIKRON-SSF2N60D Datasheet
501Kb / 8P
Main Product Characteristics
SSF2N60G SILIKRON-SSF2N60G Datasheet
457Kb / 8P
Main Product Characteristics
SSF4N60F SILIKRON-SSF4N60F Datasheet
529Kb / 8P
Main Product Characteristics
SSF5N50D SILIKRON-SSF5N50D Datasheet
526Kb / 8P
Main Product Characteristics
logo
GOOD-ARK Electronics
GDSSF22A5E GOOD-ARK-GDSSF22A5E_15 Datasheet
750Kb / 5P
Main Product Characteristics
logo
JILIN SINO-MICROELECTRO...
JCS5N60C JSMC-JCS5N60C Datasheet
1Mb / 12P
MAIN CHARACTERISTICS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com