Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDW5SM Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LDW5SM
Description  Scanners
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LDW5SM Datasheet(HTML) 1 Page - OSRAM GmbH

  LDW5SM Datasheet HTML 1Page - OSRAM GmbH LDW5SM Datasheet HTML 2Page - OSRAM GmbH LDW5SM Datasheet HTML 3Page - OSRAM GmbH LDW5SM Datasheet HTML 4Page - OSRAM GmbH LDW5SM Datasheet HTML 5Page - OSRAM GmbH LDW5SM Datasheet HTML 6Page - OSRAM GmbH LDW5SM Datasheet HTML 7Page - OSRAM GmbH LDW5SM Datasheet HTML 8Page - OSRAM GmbH LDW5SM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
2017-06-06
1
2017-06-06
Golden DRAGON
Datasheet
Version 1.3
LD W5SM
Features:
Besondere Merkmale:
Package: white SMD package, colorless clear
silicone resin
Gehäusetyp: weißes SMD Gehäuse, farbloser
klarer Silikon - Verguss
Technology: ThinGaN
Technologie: ThinGaN
Viewing angle at 50 % IV: 120° (Lambertian
Emitter)
Abstrahlwinkel bei 50 % IV: 120° (Lambertscher
Strahler)
Color: deep blue (455 nm)
Farbe: deep blue (455 nm)
Optical efficiency (typ.): 49 % (deep blue)
Optischer Wirkungsgrad (typ.): 49 % (deep
blue)
ESD - withstand voltage: 8 kV acc. to
ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
ESD - Festigkeit: 8 kV nach ANSI/ESDA/JEDEC
JS-001 (HBM, Klasse 3B)
Corrosion Robustness: Improved corrosion
robustness
Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
Backlighting
Hinterleuchtung
Automotive Interior Lighting
Automobilbeleuchtung innen
Lamps and Lights
Lampen und Leuchten
Scanners
Scanner


Similar Part No. - LDW5SM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LDW5SM-4S4T-35 OSRAM-LDW5SM-4S4T-35 Datasheet
643Kb / 21P
white SMD package, colorless clear silicone resin
More results

Similar Description - LDW5SM

ManufacturerPart #DatasheetDescription
logo
SICK AG
LMC122-11000 SICK-LMC122-11000 Datasheet
344Kb / 5P
2D LASER SCANNERS
LMS100-10000 SICK-LMS100-10000 Datasheet
962Kb / 6P
2D LASER SCANNERS
LMS101-10000 SICK-LMS101-10000 Datasheet
993Kb / 6P
2D LASER SCANNERS
TIM310-1030000 SICK-TIM310-1030000 Datasheet
772Kb / 6P
2D LASER SCANNERS
TIM310-1130000S02 SICK-TIM310-1130000S02 Datasheet
645Kb / 6P
2D LASER SCANNERS
TIM320-1131000 SICK-TIM320-1131000 Datasheet
593Kb / 6P
2D LASER SCANNERS
LMS400-2000 SICK-LMS400-2000 Datasheet
1Mb / 7P
2D LASER SCANNERS
LMS500-21000 SICK-LMS500-21000 Datasheet
575Kb / 5P
2D LASER SCANNERS
CLV615-F3000 SICK-CLV615-F3000 Datasheet
571Kb / 6P
CODE SCANNERS
logo
OSRAM GmbH
LHT6MF OSRAM-LHT6MF Datasheet
647Kb / 22P
Scanners
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com