Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FPD1 Datasheet(PDF) 5 Page - ISOCOM COMPONENTS

Part # FPD1
Description  Computer terminals
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

FPD1 Datasheet(HTML) 5 Page - ISOCOM COMPONENTS

  FPD1 Datasheet HTML 1Page - ISOCOM COMPONENTS FPD1 Datasheet HTML 2Page - ISOCOM COMPONENTS FPD1 Datasheet HTML 3Page - ISOCOM COMPONENTS FPD1 Datasheet HTML 4Page - ISOCOM COMPONENTS FPD1 Datasheet HTML 5Page - ISOCOM COMPONENTS FPD1 Datasheet HTML 6Page - ISOCOM COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
12/07/01
Appendix to Mini Flat Pack FPD-AAS/A1
CHARACTERISTIC CURVES
Fig.7 Relative Current Transfer Ratio
vs. Ambient Temperature
Fig.8 Collector-emitter Saturation Voltage
Fig.9 Collector Dark Current vs.
Ambient Temperature
Fig.10 Response Time vs. Load
Fig.11 Frequency Response
0
Ta= 25 C
tr
tf
td
ts
vs. Ambient Temperature
Ambient temperature Ta ( C)
Ambient temperature Ta ( C)
Ambient temperature Ta ( C)
Frequency f (kHz)
o
o
o
o
o
40
60
80
100
50
100
150
0
0.2
0.4
0.6
0.8
1.0
20
40
60
80
100
0.2
0.05
40
60
80
100
0.1 0.2
0.5
1
2
5
10
0.5
1
2
5
10
20
50
100
200
500
0.02
-20
-10
0
0.1
10
100
1
Resistance
Test Circuit for Response Time
Test Circuit for Frequency Response
Input
Output
Input
Output
Vcc
td
tr
tf
ts
90%
10%
Load resistance R L(k
)
RL
RD
RL
RD
Output
Vcc
IF= 1mA
VCE= 2V
IF= 20mA
IC= 1mA
VCE= 2V
IC= 10mA
VCE= 2V
IC= 2mA
Ta= 25 C
20
1
10
100
1000
10000
100000
20
RL= 10k
1k
100
VCE= 20V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com