Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FPD1 Datasheet(PDF) 4 Page - ISOCOM COMPONENTS

Part # FPD1
Description  Computer terminals
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

FPD1 Datasheet(HTML) 4 Page - ISOCOM COMPONENTS

  FPD1 Datasheet HTML 1Page - ISOCOM COMPONENTS FPD1 Datasheet HTML 2Page - ISOCOM COMPONENTS FPD1 Datasheet HTML 3Page - ISOCOM COMPONENTS FPD1 Datasheet HTML 4Page - ISOCOM COMPONENTS FPD1 Datasheet HTML 5Page - ISOCOM COMPONENTS FPD1 Datasheet HTML 6Page - ISOCOM COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
12/07/01
Appendix to Mini Flat Pack FPD-AAS/A1
CHARACTERISTIC CURVES
Fig.1 Forward Current vs. Ambient
Fig.2 Collector Power Dissipation vs.
Ambient Temperature
Fig.4 Forward Current vs. Forward
Fig.5 Current Transfer Ratio vs. Forward
Current
Fig.6 Collector Current vs.
Collector-emitter Voltage
0
0
Ta= 75 C
50 C
25 C
0 C
-25 C
Ta= 25 C
Pc(MAX.)
5mA
2mA
1mA
Fig.3 Collector-emitter Saturation
Voltage vs. Forward Current
Ta= 25 C
Temperature
o
o
10
20
30
40
50
60
0
50
100
150
200
0
0
0.5 1.0 1.5 2.0 2.5
4.0
3.0 3.5
1
2
3
4
5
6
7
8
o
0
1
0.5
1.0
3.0
1.5
2.0
2.5
2
5
10
20
50
100
200
500
o
o
o
o
o
0
0.1
0.2
0.5
1
2
5
10
1000
2000
3000
4000
5000
0
20
40
60
80
100
1
2
3
4
5
O
O
Voltage
IF= 10mA
Forward current I F (mA)
Collector-emitter voltage VCE (V)
Forward voltage V F (V)
Ambient temperature Ta ( C)
Forward current I F (mA)
Ambient temperature Ta ( C)
VCE= 2V
Ta= 25 C
0
50
25
75
100
125
-55
-55
125
25
0
50
75
100



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com