Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFZ46NSTRL Datasheet(PDF) 2 Page - International Rectifier

Part # IRFZ46NSTRL
Description  HEXFET POWER MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFZ46NSTRL Datasheet(HTML) 2 Page - International Rectifier

  IRFZ46NSTRL Datasheet HTML 1Page - International Rectifier IRFZ46NSTRL Datasheet HTML 2Page - International Rectifier IRFZ46NSTRL Datasheet HTML 3Page - International Rectifier IRFZ46NSTRL Datasheet HTML 4Page - International Rectifier IRFZ46NSTRL Datasheet HTML 5Page - International Rectifier IRFZ46NSTRL Datasheet HTML 6Page - International Rectifier IRFZ46NSTRL Datasheet HTML 7Page - International Rectifier IRFZ46NSTRL Datasheet HTML 8Page - International Rectifier IRFZ46NSTRL Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRFZ46NS/IRFZ46NL
2
www.irf.com
‚ Starting TJ = 25°C, L = 389µH
RG = 25Ω, IAS = 28A. (See Figure 12)
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
Notes:
** When mounted on 1" square PCB (FR-4 or G-10 Material ).
For recommended footprint and soldering techniques refer to application note #AN-994.
ƒ ISD ≤ 28A, di/dt ≤ 220A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 175°C.
„ Pulse width ≤ 400µs; duty cycle ≤ 2%.
… Uses IRFZ46N data and test conditions.
† This is a typical value at device destruction and represents
operation outside rated limits.
‡ This is a calculated value limited to TJ = 175°C.
ˆ Calculated continuous current based on maximum allowable
junction temperature. Package limitation current is 39A.
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
––– –––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode) 
––– –––
p-n junction diode.
VSD
Diode Forward Voltage
––– –––
1.3
V
TJ = 25°C, IS = 28A, VGS = 0V „
trr
Reverse Recovery Time
–––
67
101
ns
TJ = 25°C, IF = 28A
Qrr
Reverse Recovery Charge
––– 208 312
nC
di/dt = 100A/µs „…
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Source-Drain Ratings and Characteristics
A
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
55
––– –––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient ––– 0.057 –––
V/°C Reference to 25°C, ID =1mA…
RDS(on)
Static Drain-to-Source On-Resistance –––
––– .0165
Ω
VGS =10V, ID = 28A „
VGS(th)
Gate Threshold Voltage
2.0
––– 4.0
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
19
––– –––
S
VDS = 25V, ID = 28A„…
–––
–––
25
µA
VDS = 55V, VGS = 0V
–––
–––
250
VDS = 44V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
––– 100
VGS = 20V
Gate-to-Source Reverse Leakage
–––
––– -100
nA
VGS = -20V
Qg
Total Gate Charge
–––
–––
72
ID = 28A
Qgs
Gate-to-Source Charge
–––
–––
11
nC
VDS = 44V
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
26
VGS = 10V, See Fig. 6 and 13 „…
td(on)
Turn-On Delay Time
–––
14
–––
VDD = 28V
tr
Rise Time
–––
76
–––
ID = 28A
td(off)
Turn-Off Delay Time
–––
52
–––
RG = 12Ω
tf
Fall Time
–––
57
–––
RD = 0.98Ω, See Fig. 10„…
Between lead,
–––
–––
and center of die contact
Ciss
Input Capacitance
––– 1696 –––
VGS = 0V
Coss
Output Capacitance
–––
407 –––
pF
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
110 –––
ƒ = 1.0MHz, See Fig. 5…
EAS
Single Pulse Avalanche Energy
‚
––– 583
†152‡
IAS = 28A, L = 389mH
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
IGSS
ns
IDSS
Drain-to-Source Leakage Current
nH
7.5
LS
Internal Source Inductance
53
180
S
D
G



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com