Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFZ46NSTRL Datasheet(PDF) 4 Page - International Rectifier

Part # IRFZ46NSTRL
Description  HEXFET POWER MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFZ46NSTRL Datasheet(HTML) 4 Page - International Rectifier

  IRFZ46NSTRL Datasheet HTML 1Page - International Rectifier IRFZ46NSTRL Datasheet HTML 2Page - International Rectifier IRFZ46NSTRL Datasheet HTML 3Page - International Rectifier IRFZ46NSTRL Datasheet HTML 4Page - International Rectifier IRFZ46NSTRL Datasheet HTML 5Page - International Rectifier IRFZ46NSTRL Datasheet HTML 6Page - International Rectifier IRFZ46NSTRL Datasheet HTML 7Page - International Rectifier IRFZ46NSTRL Datasheet HTML 8Page - International Rectifier IRFZ46NSTRL Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
IRFZ46NS/IRFZ46NL
4
www.irf.com
Fig 7. Typical Source-Drain Diode
Forward Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
0
4
8
12
16
20
0
1020
30405060
Q , Total Gate Charge (nC)
G
A
FOR TEST CIRCUIT
SEE FIGURE 13
V
= 44V
V
= 28V
I
= 28A
D
DS
DS
1
10
100
1000
0.4
0.8
1.2
1.6
2.0
2.4
T = 25°C
J
V
= 0V
GS
V
, Source-to-Drain Voltage (V)
SD
A
T = 175°C
J
1
10
100
1000
1
10
100
V
, Drain-to-Source Voltage (V)
DS
OPERATION IN THIS AREA LIMITED
BY RDS(on)
10µs
100µs
1ms
10ms
A
T
= 25°C
T
= 175°C
Single Pulse
C
J
0
400
800
1200
1600
2000
2400
2800
1
10
100
DS
V
, Drain-to-Source Voltage (V)
A
V
= 0V,
f = 1MHz
C
= C
+ C
, C
SHORTED
C
= C
C
= C
+ C
GS
iss
gs
gd
ds
rss
gd
oss
ds
gd
Ciss
Coss
Crss



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com