Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC10D040 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC10D040
Description  Dual 10-Bit, 40 MSPS, 267 mW A/D Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10D040 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button ADC10D040 Datasheet HTML 2Page - National Semiconductor (TI) ADC10D040 Datasheet HTML 3Page - National Semiconductor (TI) ADC10D040 Datasheet HTML 4Page - National Semiconductor (TI) ADC10D040 Datasheet HTML 5Page - National Semiconductor (TI) ADC10D040 Datasheet HTML 6Page - National Semiconductor (TI) ADC10D040 Datasheet HTML 7Page - National Semiconductor (TI) ADC10D040 Datasheet HTML 8Page - National Semiconductor (TI) ADC10D040 Datasheet HTML 9Page - National Semiconductor (TI) ADC10D040 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Pin Descriptions and Equivalent Circuits (Continued)
Pin No.
Symbol
Equivalent Circuit
Description
4V
D
Digital supply pin. This pin should be connected to a quiet
voltage source of +3.0V to +3.6V. V
A and VD should have a
common supply and be separately bypassed with 10 µF to 50
µF capacitors in parallel with 0.1 µF capacitors.
6, 30
V
DR
Digital output driver supply pins. These pins should be
connected to a voltage source of +1.5V to V
D and be
bypassed with 10 µF to 50 µF capacitors in parallel with 0.1
µF capacitors.
3, 39, 42,
46
AGND
The ground return for the analog supply. AGND and DGND
should be connected together close to the ADC10D040
package.
5
DGND
The ground return for the digital supply. AGND and DGND
should be connected together close to the ADC10D040
package.
7, 29
DR GND
The ground return of the digital output drivers.
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com