Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFC2000 Datasheet(PDF) 208 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 208 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 204Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 205Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 206Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 207Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 208Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 209Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 210Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 211Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 212Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
8-4
Conexant
100723A
8.1.4
Pipelined Analog-to-Digital Converter (PADC)
Table 8-5. Pipelined ADC (PADC)
Parameter
Min
Typ
Max
Units
RESOLUTION
12
Bits
SPEED
5MSPS
ACCURACY
Differential Nonlinearity (DNL)
-1
±0.5
+1
LSB
Integral Nonlinearity (INL)
-2
±1
+2
LSB
POWER SUPPLY REJECTION
±1
mV/V
OUTPUT FORMAT
$
Binary unsigned
LATENCY
16
ADCLK
8.1.5
Timing Diagram
SCIN
(scanner output)
sample
adclk
adcout[11:0]
a pixel period
programmable sample position
within pixel period
(min width = 50 ns)
s1
D2
D1
s2
latency
guarantees to be low while
sample is high
Table 8-6. PADC Timing Diagram
8.1.6
ADCVREFP, ADCVREFN, and ADCVC
The ADCVREFP and ADCVREFN voltages provide positive and negative references for ADCs while VC is used
as common mode voltage in the design of ADC and PGA. These voltages are decoupled with external capacitors
(0.1
µF) to reduce thermal noise and also to provide high frequency ac current for sampling.
8.1.7
TADCREF
Parameter
Min
Typ
Max
Units
TADCREF
2.370
2.390
2.410
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com