Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFC2000 Datasheet(PDF) 224 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 224 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 220Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 221Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 222Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 223Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 224Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 225Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 226Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 227Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 228Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
9-12
Conexant
100723A
Shingling Mask Register:
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
Shingling Mask
Register
(ShinglingMask)
$01FF808D
(Not Used)
(Not Used)
(Not Used)
(Not Used)
Mask
bit 11
Mask
bit 10
Mask
bit 9
Mask
bit 8
Rst Value
xxxx1111h
Read Value
0Fh
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
Shingling Mask
Register
(ShinglingMask)
$01FF808C
Mask
bit 7
Mask
bit 6
Mask
bit 5
Mask
bit 4
Mask
bit 3
Mask
bit 2
Mask
bit 1
Mask
bit 0
Rst Value
FFh
Read Value
FFh
This is a loadable circular right-shift register which firmware can load a mask. A 1 in a mask bit means to let that
pixel pass through and A 0 in a mask bit means to block that pixel and output 0 for that pixel. The output of this
shift register (LSB) gates with the serial data from the resolution convertor on each bi-level resolution conversion
clock. The shift register is clocked in sync with the serial to parallel converter so that the mask rotates in sync with
the serial data. This 12-bit shingling mask register supports 50, 33, and 25 percent shingling. For example, for the
33 percent shingling, firmware should load 001001001001, 010010010010, or 100100100100, depending on the
scanline and pass in question.
The number of zeros inserted in a line for the Horizontal Shifter:
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
The Number of
Zeros in a line
(HSZeroNo)
$01FF808F
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
data
bit 2
data
bit 1
data
bit 0
Rst Value
xxxxx000b
Read Value
00h
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
The Number of
Zeros in a line
(HSZeroNo)
$01FF808E
(Not Used)
(Not Used)
data
bit 5
data
bit 4
data
bit 3
data
bit 2
data
bit 1
data
bit 0
Rst Value
xx000000b
Read Value
00h
Bit 10-8
The total number of zeros (halfwords) in a line
0 = nothing is added
1 = 1 halfword (16 zeros)
2 = 2 halfwords (32 zeros)
3 = 3 halfwords (48 zeros)
4 = 4 halfwords (64 zeros)
5-7 = not used
Bit 5-0
The number of zeros (pixels) in the beginning of a line, from 0 to 63
zeros
Note: If value 5, 6, or 7 is put into this register, 4 halfword (64 zeros) will be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com