Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFC2000 Datasheet(PDF) 256 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 256 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 252Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 253Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 254Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 255Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 256Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 257Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 258Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 259Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 260Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
12-10
Conexant
100723A
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
Step Clock Register
(SStepClk)
01FF8851
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
Rst. Value
xxh
Read Value
00h
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
Step Clock Register
(SStepClk)
01FF8850
(Not Used)
(Not Used)
(Not Used)
bit 4 of the
step clock
divider
bit 3 of the
step clock
divider
bit 2 of the
step clock
divider
bit 1 of the
step clock
divider
bit 0 of the
step clock
divider
Rst. Value
xxx00000b
Read Value
00h
•
STEPCLK = ICLK/(8 * (n+1)), n (bit[4:0] of the step clock divider): from 0 to 31
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
Step Control
Register
(SStepCtrl)
01FF8051
I31
I30
I21
I20
I11
I10
DI1
DI0
Rst. Value
FFh
Read Value
FFh
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
Step Control
Register
(SStepCtrl)
01FF8050
(Not Used)
SMI Output
Select
Scan Motor
Power
Control
MSINT0
Sync
0: disabled
1: enabled
Stepping
Mode
0: full step
1: half step
Motor
Direction
0: CW
1:
CCW
Step Enable
0: disable
1: enable
STEPIRQ
Clear
1:clear
Rst. Value
x0000000b
Read Value
00h
Bits 15-14
The third current control values go out to the scan current control pins
(SMI1 and SMI0) within one step time period.
Bits 13-12
The second current control values go out to the scan current control
pins (SMI1 and SMI0) within one step time period.
Bits 11-10
The first current control values go out to the scan current control pins
(SMI1 and SMI0) within one step time period.
Bits 9-8
The default current control values go out to the scan current control
pins (SMI1 and SMI0) when the motor stepping is disabled and
SM[3:0] is used for motor control.
Bits 6
Control which signal output to PM[3:2] pins (SMI[1:0] output signals or
PM[3]/GPO[3] and PM[2]/GPO[2] output signals).
0: Output PM[3]/GPO[3] and PM[2]/GPO[2] signals, 1: Output SMI[1:0]
signals.
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
Step Timer Register
(SStepTimer)
01FF8053
(Not Used)
(Not Used)
bit 13 of the
step timer
bit 12 of the
step timer
bit 11 of the
step timer
bit 10 of the
step timer
bit 9 of the
step timer
bit 8 of the
step timer
Rst. Value
00h
Read Value
00h
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
Step Timer Register
(SStepTimer)
01FF8052
bit 7 of the
step timer
bit 6 of the
step timer
bit 5 of the
step timer
bit 4 of the
step timer
bit 3 of the
step timer
bit 2 of the
step timer
bit 1 of the
step timer
bit 0 of the
step timer
Rst. Value
00h
Read Value
00h
•
The Time interval between two adjacent step pulses = (n+1)/STEPCLK, n (bit[13:0] of the step timer): from 0
to 16383



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com