Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFC2000 Datasheet(PDF) 278 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 278 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 274Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 275Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 276Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 277Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 278Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 279Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 280Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 281Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 282Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 278 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
14-12
Conexant
100723A
T.4 Ref. Line Data FIFO Control register for the Uncoded data to/from the external memory
(for DMA channel 7):
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
T.4 Ref. Line Data
FIFO Control
Register
(T4RefDataFIFOCtrl)
$01FF815B
FIFO
Enabled
(R)
Data
Request
(R)
FIFO
Ready
(R)
FIFO DMA Threshold
FIFO Output Pointer
Rst Value
00h
Read Value
00h
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
T.4 Ref. Line Data
FIFO Control
Register
(T4RefDataFIFOCtrl)
$01FF815A
(Not Used)
Holding
Register Full
(Not Used)
FIFO Data Quantity
FIFO Input Pointer
Rst Value
x0x00000b
Read Value
00h
T.4 Current Line Data FIFO Control register for the Uncoded data to/from the external memory
(for DMA channel 6):
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
T.4 Current Line
Data FIFO Control
Register
(T4CurDataFIFOCtrl)
$01FF816B
FIFO
Enabled
(R)
Data
Request
(R)
FIFO
Ready
(R)
FIFO DMA Threshold
FIFO Output Pointer
Rst Value
00h
Read Value
00h
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
T.4 Current Line
Data FIFO Control
Register
(T4CurDataFIFOCtrl)
$01FF816A
(Not Used)
Holding
Register Full
(Not Used)
FIFO Data Quantity
FIFO Input Pointer
Rst Value
x0x00000b
Read Value
00h
T.4 Data FIFO Data Port for the coded data to/from the external memory:
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
T.4 Data FIFO
Data Port
(T4Data1Port)
$01FF811D
data
bit 15
data
bit 14
data
bit 13
data
bit 12
data
bit 11
data
bit 10
data
bit 9
data
bit 8
Rst Value
xxh
Read Value
xxh
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
T.4 Data FIFO
Data Port
(T4Data1Port)
$01FF811C
data
bit 7
data
bit 6
data
bit 5
data
bit 4
data
bit 3
data
bit 2
data
bit 1
data
bit 0
Rst Value
xxh
Read Value
xxh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com