Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFC2000 Datasheet(PDF) 410 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 410 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 406Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 407Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 408Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 409Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 410Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 411Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 412Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 413Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 414Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 410 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
24-24
Conexant
100723A
24.7.1.1 Memory Bank Structure
There will only be one bank of memory allowed. Accesses to those banks must be done as halfword (16 bit)
accesses. SDRAM with 8-bit data bus will not be byte addressable as far as the system in concerned. Instead,
each 16-bit access will write or read two consecutive bytes of data to/from the 8-bit SDRAM. For instance, a
request to access to byte location 0x100 or 0x101 in 8-bit SDRAM will both access the same halfword (16-bit)
location. Hardware does NOT support byte access to external memory connected to (S)DRAM.
24.7.1.2 Wait State Profile
50 ns FPDRAM read requests will have two 25Mhz wait states for the first read access and zero wait states for
each successive read. So the FPDRAM read wait state profile is considered to be 2-0-0-0. For example, a burst of
four reads will take six cycles to complete; three for the first read, and three total for the next three reads. For
60ns FPDRAM, the read wait state profile is 2-0-1-0-1-0, etc.
The write wait state profile for 50ns FPDRAM is 1-0-0-0. The write wait state profile for 60 ns FPDRAM is
1-0-1-0-, etc.
SDRAMs will have an identical wait state profile regardless of whether they use a 16 bit data bus or 8 bit data
bus. Writes will have a profile of 1-0-0-0. Reads will have a wait state profile of 2-0-0-0. In either case when the
burst or single access is finished, there will be a 1 cycle penalty in order to satisfy Trc.
24.7.1.3 Address Multiplexing
When reading chart, note that the address bits and data bit on the leftmost column correspond to the actual bits
which are output of the (S)DRAMC block (also outputs of ASIC), whereas the address bits in the row/col columns
correspond to the input addresses to the (S)DRAMC block (which are aligned to halfword boundary). In other
words, the address requested by CBU will be a halfword address, not a byte address. As a result, the CBU and
(S)DRAMC will communicate via a 22-bit address bus.
In the following charts, MA[x] refers to the memory address pin located on the MFC2000 ASIC (i.e.,. cdao[x]).
MD[x] refers to the memory data pin located on the MFC2000 ASIC (i.e.,cddo[x]).
BA[x] refers to the bank pin on the SDRAM part. EA[x] refers to the external address pin located on the RAM part.
So the External address column of the chart shows the actual connection between the MFC2000 and the RAM.
(i.e., looking at the first row of the chart, there will be a wire connecting MA[12] of the MFC2000 to the BA1 of
the SDRAM).
A[x], within the ROW/COL columns of the chart, refers to the 22-bit address bus within the chip



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com