Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFC2000 Datasheet(PDF) 109 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 109 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 105Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 106Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 107Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 108Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 109Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 110Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 111Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 112Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 113Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
4-79
4.7.2
DMA Operation and Timing
The DMA controller arbitrates DMA requests from all sources (internal and external), and then acknowledges the
request of the source with the highest priority at the start of the next bus cycle. After each request has been
issued, the associated acknowledge signal is activated with a minimum delay of 2 internal clock cycles. The
maximum delay is dependent on both the number of pending higher priority DMA requests, and the length of the
associated bus cycles (including wait states and halt states due to DMA to DRAM and refresh cycle collisions).
The DMA controller informs the bus control logic (SIU), and provides the address and read/write signal prior to the
next bus cycle. At the time of the next bus cycle, the SIU routes the address and data onto the proper bus. If the
external bus is required to complete the DMA transfer, the DMA controller notifies the external bus control logic,
which in turn halts the CPU. After the completion of a DMA cycle, the DMA controller increments or decrements
the DMA address counter.
A non-maskable interrupt (SYSIRQ) to the CPU allows the active DMA to be completed, but locks-out all other
DMA acknowledge signals in the event of a power down condition.
DMA Channel 3 address progression is controlled by the Bit Rotation logic and is not effected by the DMA
acknowledges like other channels. The Bit Rotation Logic provides an address progression value, an increment/
decrement (add/subtract) control and a count strobe. When the strobe is held active during the rising edge of the
siuclk, the progression value is either added or subtracted from the current address value. Below is a table
showing the control bit assignments.
Table 4-18 DMA Channel 3 Control Bit Assignment
Count Control Assignments
countcntl(11)
Count Strobe
NA
countcntl(10)
Dec_Incn
NA
countcntl(9)
Cnt_By_32k
Add_value(15)
countcntl(8)
Cnt_By_16k
Add_value(14)
countcntl(7)
Cnt_By_8192
Add_value(13)
countcntl(6)
Cnt_By_4096
Add_value(12)
countcntl(5)
Cnt_By_2048
Add_value(11)
countcntl(4)
Cnt_By_1024
Add_value(10)
countcntl(3)
Cnt_By_512
Add_value(9)
countcntl(2)
Cnt_By_4
Add_value(2)
countcntl(1)
Cnt_By_2
Add_value(1)
countcntl(0)
Cnt_By_1
Add_value(0)
4.7.3
Timing
4.7.3.1
Internal DMA Requests
DMA requests are sourced by sub-blocks or peripherals within the ASIC or by an external device (Ch 0 or 1).
Some logic blocks may source multiple DMA request lines. For example, the T4 Logic requires 3 request lines:
input data, reference data and output data. These sources will issue DMA request signals, and the sequential
access indicator, synchronized to the rising edge of SIUCLK. During the bus cycle that the requests are received,
the controller will inform the SIU that the next bus cycle will be a DMA cycle. The DMA controller also provides the
address, the sequencial access, and read/write control information to the SIU. The SIU will then activate the DMA
bus acknowledge signal when the DMA controller becomes the bus master. On the first rising edge of the SIUCLK
after the DMA bus acknowledge signal becomes active, the peripheral DMA acknowledge to the requesting
peripheral will be set high indicating the start of the DMA cycle. For a DMA single cycle write, the requesting
device must drive data onto the bus during activation of the peripheral DMA acknowledge signal. And for a single



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com