Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFC2000 Datasheet(PDF) 130 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 130 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 126Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 127Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 128Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 129Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 130Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 131Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 132Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 133Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 134Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
5-4
Conexant
100723A
VDD Power On
VDD power on occurs when VDD power reaches it's normal operating level and PWRDWNn is driven high,
resulting in “Power-Up Delay 1” (PUD1) initiation (shown at upper left in Figure 5-1). PUD1 has a duration of one
or two Reset clocks (internal signal), depending on when PWRDWNn is driven high with respect to the Reset
clock rising edge. Once PUD1 times out, the internal signal Battrtc_RESn is released. The internal Reset clock
signal (RESn) duration is equal to approximately 125 ms for XOUT = 32.768 kHz.
Reset clock = XOUT/4096
“Power-Up Delay 2” (PUD2) is a time delay whose duration is approximately 8 periods of SIUCLK (6 SIUCLK
periods + time for retiming to AUXCLK). This delay allows CPU pre-operation initialization. Once PUD2 times out,
RESETn gets resynchronized to AUXCLK and then, changes from an active low state to a high impedance state.
After RESETn goes to the high impedance state, RESn goes high approximately after 8 periods of SIUCLK. After
the internal RESn signal goes high, all internal logic gets reset and the battery back-up lockout is removed on the
next XOUT rising edge.
VDD Power Off
VDD power off occurs when PWRDWNn is driven low while VDD is at a normal operating level. As an MFC2000
battery backed up feature, PWRDWNn has been designed to work with an early warning power loss detector.
This allows the firmware to backup sensitive variables, and the MFC2000 to protect nonvolatile data from
erroneous logic operations while prime power transitions through low voltage levels (i.e., < 3.135V).
When PWRDWNn is driven low, an SYSIRQ is issued to the CPU, and the CPU SYSIRQ routine then performs
necessary system house cleaning tasks before power loss. The final SYSIRQ routine task is to write to the
LockEnn register, which enables the battery lockout logic. The battery lockout logic forces an immediate lockout if
battery DRAM operation is not enabled. If DRAM operation is enabled, the battery lockout logic waits for the
absence of a VDD refresh cycle before performing the lockout. While in lockout, battery refresh mode
commences, Battrtc_RESn becomes active, and the MFC2000 is inactive until the next VDD power on cycle.
Time-out Logic for the power-down lockout
There is a 1-2 second time-out on lockenn, if power down goes low enough to get latched into the battery logic,
but a lockenn doesn’t get generated by software. This will guarantee that a reset will occur if power down ever
gets set and software doesn’t set lockenn so that a reset gets generated.
There are two status bits to the backup configuration register. Bit 12 indicates that a battery reset (from the pin
batrstn) has been detected. Bit 11 indicates that a lock enable has occurred and was caused by the time-out
circuitry or a software write. To reset either of these bits a 1 must be written to the appropriate bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com