Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6642BBCZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD6642BBCZ
Description  Dual IF Receiver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6642BBCZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD6642BBCZ Datasheet HTML 7Page - Analog Devices AD6642BBCZ Datasheet HTML 8Page - Analog Devices AD6642BBCZ Datasheet HTML 9Page - Analog Devices AD6642BBCZ Datasheet HTML 10Page - Analog Devices AD6642BBCZ Datasheet HTML 11Page - Analog Devices AD6642BBCZ Datasheet HTML 12Page - Analog Devices AD6642BBCZ Datasheet HTML 13Page - Analog Devices AD6642BBCZ Datasheet HTML 14Page - Analog Devices AD6642BBCZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
AD6642
Rev. A | Page 10 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
AGND
DNC
DNC
AGND
AVDD
CLK–
CLK+
AVDD
AGND
VIN–B
VIN+B
AGND
1
234
5
6
78
9
10
11
12
AGND
AGND
DNC
AGND
AVDD
AVDD
AVDD
AVDD
AGND
VCMB
AGND
AGND
DNC
AGND
AGND
CSB
SDIO
SCLK
PDWN
SYNC
MODE
AGND
AGND
VIN+A
DNC
DNC
AGND
AVDD
AVDD
AVDD
AVDD
AVDD
AVDD
AGND
VCMA
VIN–A
AGND
AVDD
AVDD
AVDD
AVDD
AVDD
AVDD
AVDD
AVDD
AVDD
AVDD
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
DRGND
DRGND
DRGND
DRGND
DRGND
DRGND
DRGND
DRGND
DRGND
DRGND
DRGND
DRGND
DRVDD
DRVDD
DRVDD
DRVDD
DRVDD
DRVDD
DRVDD
DRVDD
DRVDD
DRVDD
DRVDD
DRVDD
DNC
DNC
DNC
DNC
DNC
DNC
D0–AB
D2–AB
D4–AB
D6–AB
D8–AB
D10–AB
DNC
K
DNC
DNC
DNC
DNC
DNC
D0+AB
D2+AB
D4+AB
D6+AB
D8+AB
D10+AB
DNC
DNC
DNC
DNC
DNC
DNC
D1–AB
D3–AB
D5–AB
D7–AB
D9–AB DCO–AB
DNC
A
B
C
D
E
F
G
H
J
L
M
DNC
DNC
DNC
DNC
DNC
D1+AB
D3+AB
D5+AB
D7+AB
D9+AB DCO+AB
Figure 4. Pin Configuration (Top View)
Table 9. Pin Function Descriptions
Pin No.
Mnemonic
Type
Description
A5, A8, B5, B6, B7, B8,
D4, D5, D6, D7, D8,
D9, E2, E3, E4, E5, E6,
E7, E8, E9, E10, E11
AVDD
Supply
Analog Power Supply (1.8 V Nominal)
A1, A4, A9, A12, B1,
B2, B4, B9, B11, B12,
C2, C3, C10, C11, D3,
D10, E1, E12, F1, F2,
F3, F4, F5, F6, F7, F8,
F9, F10, F11, F12
AGND
Ground
Analog Ground
H1, H2, H3, H4, H5,
H6, H7, H8, H9, H10,
H11, H12
DRVDD
Supply
Digital Output Driver Supply (1.8 V Nominal)
G1, G2, G3, G4, G5,
G6, G7, G8, G9, G10,
G11, G12
DRGND
Ground
Digital Output Driver Ground
A7
CLK+
Input
ADC Clock Input—True
A6
CLK−
Input
ADC Clock Input—Complement
C12
VIN+A
Input
Differential Analog Input Pin (+) for Channel A
D12
VIN−A
Input
Differential Analog Input Pin (−) for Channel A
D11
VCMA
Output
Common-Mode Level Bias Output for Analog Input Channel A
A11
VIN+B
Input
Differential Analog Input Pin (+) for Channel B
A10
VIN−B
Input
Differential Analog Input Pin (−) for Channel B
B10
VCMB
Output
Common-Mode Level Bias Output for Analog Input Channel B
A2, A3, B3, C1, D1,
D2, J1 to J6, K1 to K6,
L1 to L6, M1 to M6
DNC
Do Not Connect
K7
D0+AB
Output
Channel A and Channel B LVDS Output Data 0—True
J7
D0−AB
Output
Channel A and Channel B LVDS Output Data 0—Complement
M7
D1+AB
Output
Channel A and Channel B LVDS Output Data 1—True
L7
D1−AB
Output
Channel A and Channel B LVDS Output Data 1—Complement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com