Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6642BBCZ Datasheet(PDF) 30 Page - Analog Devices

Part # AD6642BBCZ
Description  Dual IF Receiver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6642BBCZ Datasheet(HTML) 30 Page - Analog Devices

Back Button AD6642BBCZ Datasheet HTML 25Page - Analog Devices AD6642BBCZ Datasheet HTML 26Page - Analog Devices AD6642BBCZ Datasheet HTML 27Page - Analog Devices AD6642BBCZ Datasheet HTML 28Page - Analog Devices AD6642BBCZ Datasheet HTML 29Page - Analog Devices AD6642BBCZ Datasheet HTML 30Page - Analog Devices AD6642BBCZ Datasheet HTML 31Page - Analog Devices AD6642BBCZ Datasheet HTML 32Page - Analog Devices AD6642BBCZ Datasheet HTML 33Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
AD6642
Rev. A | Page 29 of 32
Addr.
(Hex)
Register
Name
(MSB)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
(LSB)
Bit 0
Default
Value
(Hex)
Comments
0x24
BIST signature
LSB (local)
BIST Signature[7:0]
0x00
Read only.
0x25
BIST signature
MSB (local)
BIST Signature[15:8]
0x00
Read only.
Digital Feature Control Registers
0x3A
Sync control
(global)
Open
Open
Open
Open
Open
Open
Clock
divider
sync
enable
0 = off
1 = on
Master
sync
enable
0 = off
1 = on
0x00
Control
register to
synchronize
the clock
divider.
0x3C
NSR control
(local)
Open
Open
Open
MODE
pin disable
0 = MODE
pin used
1 = MODE
pin dis-
abled
NSR mode
000 = 22% BW mode
001 = 33% BW mode
NSR
enable
0 = off
1 = on
(used
only if
Bit 4 = 1;
otherwise
ignored)
0x00
Noise
shaping
requantizer
(NSR)
controls.
0x3E
NSR tuning
word (local)
Open
Open
NSR tuning word
See the
Noise Shaping Requantizer (NSR) sectio
Equations for the tuning word are dependent on the NSR mode.
n.
0x1C
NSR
frequency
tuning word.
MEMORY MAP REGISTER DESCRIPTIONS
For additional information about functions controlled
in Register 0x00 to Register 0xFF, see Application Note
AN-877, Interfacing to High Speed ADCs via SPI.
Sync Control (Register 0x3A)
Bits[7:2]—Reserved
Bit 1—Clock Divider Sync Enable
Bit 1 gates the sync pulse to the clock divider. The sync signal is
enabled when Bit 1 is high and Bit 0 is high. This is continuous
sync mode.
Bit 0—Master Sync Enable
Bit 0 must be high to enable any of the sync functions. If
the sync capability is not used, this bit should remain low
to conserve power.
NSR Control (Register 0x3C)
Bits[7:5]—Reserved
Bit 4—MODE Pin Disable
Bit 4 specifies whether the selected channels will be controlled
by the MODE pin. Local registers act on the channels that are
selected by the channel index register (Address 0x05).
Bits[3:1]— NSR Mode
Bits[3:1] determine the bandwidth mode of the NSR. When
Bits[3:1] are set to 000, the NSR is configured for a 22% BW
mode that provides enhanced SNR performance over 22% of
the sample rate. When Bits[3:1] are set to 001, the NSR is con-
figured for a 33% BW mode that provides enhanced SNR
performance over 33% of the sample rate.
Bit 0—NSR Enable
The NSR is enabled when Bit 0 is high and disabled when Bit 0
is low. Bit 0 is ignored unless the MODE pin disable bit (Bit 4)
is set.
NSR Tuning Word (Register 0x3E)
Bits[7:6]—Reserved
Bits[5:0]— NSR Tuning Word
The NSR tuning word sets the band edges of the NSR band. In
22% BW mode, there are 57 possible tuning words; in 33% BW
mode, there are 34 possible tuning words. For either mode, each
step represents 0.5% of the ADC sample rate. For the equations
used to calculate the tuning word based on the BW mode of
operation, see the Noise Shaping Requantizer (NSR) section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com