Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9993BBCZRL Datasheet(PDF) 13 Page - Analog Devices

Part # AD9993BBCZRL
Description  Integrated Mixed-Signal Front End
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9993BBCZRL Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9993BBCZRL Datasheet HTML 9Page - Analog Devices AD9993BBCZRL Datasheet HTML 10Page - Analog Devices AD9993BBCZRL Datasheet HTML 11Page - Analog Devices AD9993BBCZRL Datasheet HTML 12Page - Analog Devices AD9993BBCZRL Datasheet HTML 13Page - Analog Devices AD9993BBCZRL Datasheet HTML 14Page - Analog Devices AD9993BBCZRL Datasheet HTML 15Page - Analog Devices AD9993BBCZRL Datasheet HTML 16Page - Analog Devices AD9993BBCZRL Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 57 page
background image
AD9993
Data Sheet
Rev. A | Page 12 of 56
fADC = 250 MHz, unless otherwise specified.
Figure 9. Two Tone FFT, fIN1 = 89.12 MHz, fIN2 = 92.12 MHz
Figure 10. Single Tone SNR vs. ADC Sampling Freqency (fADC), fIN = 90.0 MHz,
All Four ADCs
Figure 11. Single Tone SFDR vs. ADC Sampling Freqency (fADC), fIN = 90.0 MHz,
All Four ADCs
0
15
30
45
60
75
FREQUENCY (MHz)
90
105
120
–15
–30
–45
–60
–75
–90
–105
–120
–135
F2 – F1
F1 + F2
2F2 – F1
2F1 + F2
2F2 + F1
2F1 – F2
100
90
95
85
80
75
70
65
60
100
120
140
160
180
ADC SAMPLING FREQUENCY (MSPS)
200
220
240
ADC A
ADC B
ADC C
ADC D
100
90
95
85
80
75
70
65
60
100
120
140
160
180
ADC SAMPLING FREQUENCY (MSPS)
200
220
240
ADC A
ADC B
ADC C
ADC D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com