Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9993BBCZRL Datasheet(PDF) 21 Page - Analog Devices

Part # AD9993BBCZRL
Description  Integrated Mixed-Signal Front End
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9993BBCZRL Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9993BBCZRL Datasheet HTML 17Page - Analog Devices AD9993BBCZRL Datasheet HTML 18Page - Analog Devices AD9993BBCZRL Datasheet HTML 19Page - Analog Devices AD9993BBCZRL Datasheet HTML 20Page - Analog Devices AD9993BBCZRL Datasheet HTML 21Page - Analog Devices AD9993BBCZRL Datasheet HTML 22Page - Analog Devices AD9993BBCZRL Datasheet HTML 23Page - Analog Devices AD9993BBCZRL Datasheet HTML 24Page - Analog Devices AD9993BBCZRL Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 57 page
background image
AD9993
Data Sheet
Rev. A | Page 20 of 56
CLOCKING
The clock signals for the LVDS lanes, the DACs, and the ADCs
are developed from a single master clock signal. This signal is
either input directly on the CLKP/CLKN pins or synthesized by
an on-chip PLL multiplier using the REFCLK input signal as a
reference. The ADC output and DAC input LVDS lanes run at
the master clock frequency divided by 2 and are DDR. Data is
clocked on both edges. The sampling rate of the ADCs is ¼ the
master clock rate. The sampling rate of the DACs is ½ the
master clock frequency. A 1 GHz master clock is shown in
Figure 1.
At a 1 GHz master clock frequency, the other on-chip clock
frequencies are as follows:
DCO (ADC DDR LVDS output lane clock): 500 MHz
DCI (DAC DDR LVDS input lane clock): 500 MHz
DAC sampling rate: 500 MSPS
ADC sampling rate: 250 MSPS
ON-CHIP PLL CLOCK MULTIPLIER
Figure 25 shows a block diagram of the MxFE on-chip PLL
clock multiplier. If the PLL clock multiplier is used to generate
the master clock, the buffered VCO output signal is divided by 4
to produce the synthesized master clock signal.
The reference clock of the on-chip PLL can be either 31.25 MHz
or 62.5 MHz. When using a 62.5 MHz clock, a divide by 2
option is provided, as shown in Figure 25, such that the internal
PLL reference clock can be set to 31.25 MHz.
A programmable loop filter is integrated on chip. At reset, the
on-chip loop filter bandwidth is set to 500 kHz. Lower loop
bandwidth can be achieved using an external loop filter
connected to the CP pin, as shown in Figure 25.
An on-chip LDO provides the supply voltage for the VCO.
PLL Synthesizer Control and Status Registers
At reset, the SYNTH_INT register contains the reset default
value for the VCO output divider of 64 (shown in Figure 25).
The PLL multiplier lock status can be read back on Bit 1 of the
SYNTH_STAT register. Calibration status is also read from this
register. Bits in the SYNTH_CTRL register are used to enable
charge pump calibration and to start synthesizer calibration.
Synthesizer calibration is required as part of the process of
acquiring lock. Charge pump calibration and synthesizer
calibration are steps described in the Power-Up Routine When
Using the On-Chip Clock Synthesizer section.
Figure 25. On-Chip PLL Clock Multiplier Block Diagram
VCO
CAL
PFD
DIVIDER
÷64
BUF
VCO
LDO
VDD = 1.8V
VCO
4GHz
R3
R1
BYP_R3
NOTES
1. WHEN USING EXTERNAL LOOP FILTER SET C1, C2, C3, R1, AND R3 TO
MIN OR MAX VALUES AS DEFINED IN REGISTER DESCRIPTION, AS DESIRED.
EXT_CP
_SEL
REFCLK =
31.25MHz
CP
1.5V
FIXED
PROGRAMABLE
REG 0x031
ON-CHIP LOOP FILTER
PROGRAMABLE BY
REG 0x02E TO REG 0x030
C62
390pF
C67
22nF
R110
487Ω
DIVIDER
÷2
BUF
C3
0.1µF
0.1µF
C2
C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com