Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC72717PW Datasheet(PDF) 13 Page - ON Semiconductor

Part # LC72717PW
Description  Mobile FM Multiplex Broadcast Receiver IC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC72717PW Datasheet(HTML) 13 Page - ON Semiconductor

Back Button LC72717PW Datasheet HTML 9Page - ON Semiconductor LC72717PW Datasheet HTML 10Page - ON Semiconductor LC72717PW Datasheet HTML 11Page - ON Semiconductor LC72717PW Datasheet HTML 12Page - ON Semiconductor LC72717PW Datasheet HTML 13Page - ON Semiconductor LC72717PW Datasheet HTML 14Page - ON Semiconductor LC72717PW Datasheet HTML 15Page - ON Semiconductor LC72717PW Datasheet HTML 16Page - ON Semiconductor LC72717PW Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
LC72717PW
www.onsemi.com
13
(3) Corrected data output
This is to output the packet data after correction processing from LSI. The total length of output data is 176 bits (22
Bytes) only, and the Layer 2 CRC data (14 bits) and parity data (82 bits) are not output. The corrected data is output,
on either the 8-bit or 16-bit units, sequentially from the leading data among those in one packet. The BIC code is not
output.
The accessing method is the same as for the register output and the address “0” is input to A0 to A3 pins. Since this
is different from the register output in the timing conditions during access, the timing chart is shown here separately
from the register output. The RDY signal output method can also be selected similarly.
Data block (176 bits) Data after error correction
Layer 2 CRC (14 bits)
Parity (82 bits)
Structure of a Single Data Packet (Total length 272 bits: BIC not included)
(4) Layer 4 CRC check output
This is a function to detect error of data group (layer 4 CRC). The CRC4 pin = “H” or bit1 (CRC4) = 1 of the status
register after writing of the data group into the layer 4 CRC register means that there is no error. The accessing
method is the same as for the data input when setting up an internal register, and the address “6h” of the layer 4
CRC register is input into the register address.
Note: WR cycle wait for writing in layer 4CRC register differs from the time of the data input of other register setup.
(5) DMA transmission output
Setting bit0 (DMA) = 1 of control register 2 causes the DMA mode, allowing the corrected data to be output in the
DMA method.
For accessing, input the address “0h” to A0 to A3 pins after falling of the DREQ output pin, setting the CS pin = L,
and then the RD pin = L. After the DREQ pin = H, data is acquired from the D(n) pin. Then, the wait state occurs for
the tCYDM period or longer till the DREQ pin becomes “L”. In the DMA mode, only 8 bits can be selected for the
data bus width. (n: 0 to 7 for BUSWD=L. Do not set BUSWD=H because it may cause fault.)
The DACK pin can be used instead of the RD pin for DMA transmission. In this case, it is necessary to set bit1
(DMA_RD) = 1 of the control register 2. It is also possible to change the polarity of DREQ and DACK pins. In this
case, it is necessary to set bit4 (DREQ) = 1 and bit5 (DACK) = 1 of the control register 2.
tSARD
tHARD
tRDH
tWDRD
tCYRD
A0 to A3
CS
RD
D(n)
VALID
OUTPUT
RDY (Timing1: default)
tWDRDY
tDRDY
RDY (Timing2)
VALID
OUTPUT
tDDATn
* A0 to A3 should be set to 0 during
reading of corrected data.
tDRDY2
tDATON
tDRDY+tWRDY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com