Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC72717PW Datasheet(PDF) 2 Page - ON Semiconductor

Part # LC72717PW
Description  Mobile FM Multiplex Broadcast Receiver IC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC72717PW Datasheet(HTML) 2 Page - ON Semiconductor

  LC72717PW Datasheet HTML 1Page - ON Semiconductor LC72717PW Datasheet HTML 2Page - ON Semiconductor LC72717PW Datasheet HTML 3Page - ON Semiconductor LC72717PW Datasheet HTML 4Page - ON Semiconductor LC72717PW Datasheet HTML 5Page - ON Semiconductor LC72717PW Datasheet HTML 6Page - ON Semiconductor LC72717PW Datasheet HTML 7Page - ON Semiconductor LC72717PW Datasheet HTML 8Page - ON Semiconductor LC72717PW Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
LC72717PW
www.onsemi.com
2
Specifications
Absolute Maximum Ratings at Ta = 25C, VSS = 0 V
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD
0.3 to +4.0
V
Input voltage
VIN1
A0/CL, A1/CE, A2/DI, RST, STNBY
(VDD is equal to 2.7 V or more.)
0.3 to +5.6
V
A0/CL, A1/CE, A2/DI, RST, STNBY
(VDD is less than 2.7 V.)
0.3 to VDD+0.3
V
VIN2
Input pin other than VIN1
0.3 to VDD+0.3
V
Output voltage
VOUT
Output pin
0.3 to VDD+0.3
V
Output current
IOUT1
INT, RDY, DREQ, D0 to D15, DO
0 to 2.0
mA
IOUT2
Output pin other than IOUT1
0 to 1.0
mA
Allowable output current (total)
ITTL
Total for all the output pins
10
mA
Allowable power dissipation
Pd max
200
mW
Operating temperature
Topr
Ta
 85C
40 to +85
C
Storage temperature
Tstg
55 to +125
C
Allowable Operating Ranges at Ta = 40C to +85C, VSS = 0 V
Parameter
Symbol
Pin Name
Type
Conditions
Ratings
unit
min
typ
max
Supply voltage
VDD
2.7
3.6
V
Input high-level
voltage
VIH1
A0/CL, A1/CE, A2/DI,
RST, STNBY
Schmitt
0.7VDD
5.5
V
VIH2
IOCNT1, IOCNT2,
DACK, D0, D1, D2, D3,
D4, D5, D6, D7, WR,
RD, A3, CS
Schmitt
0.7VDD
VDD
V
VIH3
SP, BUSWD, TIN,
TPC1, TPC2, TOSEL1,
TOSEL2
0.7VDD
VDD
V
Input low-level
voltage
VIL1
A0/CL, A1/CE, A2/DI,
RST, STNBY
Schmitt
0.0
0.3VDD
V
VIL2
IOCNT1, IOCNT2,
DACK, D0, D1, D2, D3,
D4, D5, D6, D7, WR,
RD, A3, CS
Schmitt
0.0
0.3VDD
V
VIL3
SP, BUSWD, TIN,
TPC1, TPC2, TOSEL1,
TOSEL2
0.0
0.3VDD
V
Oscillation
frequency
FOSC
XIN, XOUT
Oscillation
circuit
Within
250 ppm
7.2
MHz
XIN input
sensitivity
VXI
XIN
Capacitive
coupling
400
mVrms
Input amplitude
VMPX1
MPXIN
SCF
100%
demodulation
composite
VDD = 3.3 V
120
500
mVrms
VMPX2
MPXIN
SCF
100%
demodulation
composite
VDD = 2.7 V
120
450
mVrms
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality should not be assumed,
damage may occur and reliability may be affected.
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond the Recommended
Operating Ranges limits may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com