Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC2G241DC Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74LVC2G241DC
Description  Dual buffer/line driver with 5 V tolerant inputs/outputs; 3-state
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC2G241DC Datasheet(HTML) 4 Page - NXP Semiconductors

  74LVC2G241DC Datasheet HTML 1Page - NXP Semiconductors 74LVC2G241DC Datasheet HTML 2Page - NXP Semiconductors 74LVC2G241DC Datasheet HTML 3Page - NXP Semiconductors 74LVC2G241DC Datasheet HTML 4Page - NXP Semiconductors 74LVC2G241DC Datasheet HTML 5Page - NXP Semiconductors 74LVC2G241DC Datasheet HTML 6Page - NXP Semiconductors 74LVC2G241DC Datasheet HTML 7Page - NXP Semiconductors 74LVC2G241DC Datasheet HTML 8Page - NXP Semiconductors 74LVC2G241DC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
2005 Feb 02
4
Philips Semiconductors
Product specification
Dual buffer/line driver with 5 V
tolerant inputs/outputs; 3-state
74LVC2G241
241
1OE
VCC
1A
2OE
2Y
1Y
GND
2A
001aab569
1
2
3
4
6
5
8
7
Fig.1 Pin configuration TSSOP8 and VSSOP8.
241
1Y
2OE
VCC
2A
2Y
1A
1OE
GND
001aab570
36
27
18
45
Transparent top view
Fig.2 Pin configuration XSON8.
handbook, halfpage
2A
1A
1
2
7
5
1Y
6
3
2Y
1OE
2OE
MNA729
Fig.3 Logic symbol.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com