Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC2G241DC Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74LVC2G241DC
Description  Dual buffer/line driver with 5 V tolerant inputs/outputs; 3-state
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC2G241DC Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74LVC2G241DC Datasheet HTML 4Page - NXP Semiconductors 74LVC2G241DC Datasheet HTML 5Page - NXP Semiconductors 74LVC2G241DC Datasheet HTML 6Page - NXP Semiconductors 74LVC2G241DC Datasheet HTML 7Page - NXP Semiconductors 74LVC2G241DC Datasheet HTML 8Page - NXP Semiconductors 74LVC2G241DC Datasheet HTML 9Page - NXP Semiconductors 74LVC2G241DC Datasheet HTML 10Page - NXP Semiconductors 74LVC2G241DC Datasheet HTML 11Page - NXP Semiconductors 74LVC2G241DC Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
2005 Feb 02
8
Philips Semiconductors
Product specification
Dual buffer/line driver with 5 V
tolerant inputs/outputs; 3-state
74LVC2G241
AC CHARACTERISTICS
GND = 0 V.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
WAVEFORMS
VCC (V)
Tamb = −40 °C to +85 °C; note 1
tPHL/tPLH
propagation delay nA to nY
see Figs 4 and 7
1.65 to 1.95
1.0
4.5
8.8
ns
2.3 to 2.7
0.5
2.8
4.9
ns
2.7
1.0
2.8
4.7
ns
3.0 to 3.6
0.5
2.6
4.3
ns
4.5 to 5.5
0.5
2.1
3.7
ns
tPZH/tPZL
3-state output enable time
1OE to 1Y
see Figs 5 and 7
1.65 to 1.95
1.5
5.2
9.9
ns
2.3 to 2.7
1.0
3.1
5.6
ns
2.7
1.5
3.2
5.5
ns
3.0 to 3.6
0.5
2.7
4.7
ns
4.5 to 5.5
0.5
2.0
3.8
ns
tPHZ/tPLZ
3-state output disable time
1OE to 1Y
see Figs 5 and 7
1.65 to 1.95
1.0
3.2
11.6
ns
2.3 to 2.7
0.5
2.2
5.8
ns
2.7
1.0
2.8
4.6
ns
3.0 to 3.6
1.0
2.6
4.4
ns
4.5 to 5.5
0.5
2.0
3.4
ns
tPZH/tPZL
3-state output enable time
2OE to 2Y
see Figs 6 and 7
1.65 to 1.95
1.0
4.3
8.8
ns
2.3 to 2.7
1.0
2.7
4.7
ns
2.7
1.0
2.7
4.6
ns
3.0 to 3.6
1.0
2.5
4.1
ns
4.5 to 5.5
0.5
1.9
3.3
ns
tPHZ/tPLZ
3-state output disable time
2OE to 2Y
see Figs 6 and 7
1.65 to 1.95
1.0
3.6
12.5
ns
2.3 to 2.7
0.5
2.0
5.2
ns
2.7
1.5
3.2
4.9
ns
3.0 to 3.6
1.0
2.8
4.2
ns
4.5 to 5.5
0.5
2.0
3.3
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com