Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8768EDS Datasheet(PDF) 10 Page - Wolfson Microelectronics plc

Part # WM8768EDS
Description  24-bit, 192kHz 8-Channel DAC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8768EDS Datasheet(HTML) 10 Page - Wolfson Microelectronics plc

Back Button WM8768EDS Datasheet HTML 6Page - Wolfson Microelectronics plc WM8768EDS Datasheet HTML 7Page - Wolfson Microelectronics plc WM8768EDS Datasheet HTML 8Page - Wolfson Microelectronics plc WM8768EDS Datasheet HTML 9Page - Wolfson Microelectronics plc WM8768EDS Datasheet HTML 10Page - Wolfson Microelectronics plc WM8768EDS Datasheet HTML 11Page - Wolfson Microelectronics plc WM8768EDS Datasheet HTML 12Page - Wolfson Microelectronics plc WM8768EDS Datasheet HTML 13Page - Wolfson Microelectronics plc WM8768EDS Datasheet HTML 14Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
WM8768
Production Data
w
PD Rev 4.1 March 2005
10
BCLK
LRCLK
t
BCH
t
BCL
t
BCY
DIN1/2/3/4
t
LRSU
t
DS
t
LRH
Figure 5 Digital Audio Data Timing – Slave Mode
Test Conditions
AVDD = 5V, DVDD = 3.3V, AGND = 0V, DGND = 0V, TA = +25
oC, Slave Mode, fs = 48kHz, MCLK = 256fs unless otherwise
stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Audio Data Input Timing Information
BCLK cycle time
tBCY
50
ns
BCLK pulse width high
tBCH
20
ns
BCLK pulse width low
tBCL
20
ns
LRCLK set-up time to BCLK
rising edge
tLRSU
10
ns
LRCLK hold time from
BCLK rising edge
tLRH
10
ns
DIN1/2/3/4 set-up time to
BCLK rising edge
tDS
10
ns
DIN1/2/3/4 hold time from
BCLK rising edge
tDH
10
ns
Table 3 Digital Audio Data Timing – Slave Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com