Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8768EDS Datasheet(PDF) 32 Page - Wolfson Microelectronics plc

Part # WM8768EDS
Description  24-bit, 192kHz 8-Channel DAC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8768EDS Datasheet(HTML) 32 Page - Wolfson Microelectronics plc

Back Button WM8768EDS Datasheet HTML 28Page - Wolfson Microelectronics plc WM8768EDS Datasheet HTML 29Page - Wolfson Microelectronics plc WM8768EDS Datasheet HTML 30Page - Wolfson Microelectronics plc WM8768EDS Datasheet HTML 31Page - Wolfson Microelectronics plc WM8768EDS Datasheet HTML 32Page - Wolfson Microelectronics plc WM8768EDS Datasheet HTML 33Page - Wolfson Microelectronics plc WM8768EDS Datasheet HTML 34Page - Wolfson Microelectronics plc WM8768EDS Datasheet HTML 35Page - Wolfson Microelectronics plc WM8768EDS Datasheet HTML 36Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
WM8768
Production Data
w
PD Rev 4.1 March 2005
32
L/RDAX[7:0]
ATTENUATION LEVEL
00(hex)
-
∞ dB (mute)
01(hex)
-127.5dB
:
:
:
:
:
:
FE(hex)
-0.5dB
FF(hex)
0dB
Table 16 Digital Volume Control Attenuation Levels
SOFTWARE REGISTER RESET
Writing to register 11111 will cause a register reset, resetting all register bits to their default values.
This reset will last either 2*MCLK periods or until another write is made to the serial interface.
REGISTER MAP
The complete register map is shown below. The detailed description can be found in the relevant text of the device description. The
WM8768 can be configured using the Control Interface. All unused bits should be set to ‘0’.
REGISTER
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
R0(00h)
0
0
0
0
0
0
0
UPDATE
LDA1[7:0]
011111111
R1(01h)
0
0
0
0
0
0
1
UPDATE
RDA1[7:0]
011111111
R2(02h)
0
0
0
0
0
1
0
PL[8:5]
IZD
ATC
PDWN
All DAC
DEEMP
ALL DAC
MUTE
All DAC
100100000
R3(03h)
0
0
0
0
0
1
1
PHASE[8:6]
DACIWL[5:4]
DACBCP
DACLRP
DACFMT[1:0]
000000000
R4(04h)
0
0
0
0
1
0
0
UPDATE
LDA2[7:0]
011111111
R5(05h)
0
0
0
0
1
0
1
UPDATE
RDA2[7:0]
011111111
R6(06h)
0
0
0
0
1
1
0
UPDATE
LDA3[7:0]
011111111
R7(07h)
0
0
0
0
1
1
1
UPDATE
RDA3[7:0]
011111111
R8(08h)
0
0
0
1
0
0
0
UPDATE
MASTDA[7:0]
011111111
R9(09h)
0
0
0
1
0
0
1
DEEMP[8:6]
DMUTE[5:3]
DZFM[2:1]
ZCD
000000000
R10(0Ah)
0
0
0
1
0
1
0
DACRATE[8:6]
DACMS
PWRDN
ALL
DACD[3:1]
0
010000000
R12(0Ch)
0
0
0
1
1
0
0
0
0
MPD
0
0
0
0
0
0
000000000
R13(0Dh)
0
0
0
1
1
0
1
UPDATE
LDA4[7:0]
011111111
R14(0Eh)
0
0
0
1
1
1
0
UPDATE
RDA4[7:0]
011111111
R15(0Fh)
0
0
0
1
1
1
1
0
0
0
MPD
DEEMP
4
PHASE4
DMUTE
4
DZFM4
DACD4
000000000
R31(1Fh)
0
0
1
1
1
1
1
RESET
000000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com